Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6620ATI+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6620ATI+
Description  Quad Linear Fan-Speed Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6620ATI+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6620ATI+ Datasheet HTML 4Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 5Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 6Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 7Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 8Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 9Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 10Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 11Page - Maxim Integrated Products MAX6620ATI+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MAX6620
Quad Linear Fan-Speed Controller
8
Maxim Integrated
Write Byte Format
Read Byte Format
Send Byte Format
Receive Byte Format
Slave Address: equiva-
lent to chip-select line of
a 3-wire interface
Command Byte: selects which
register you are writing to
Data Byte: data goes into the register
set by the command byte (to set
thresholds, configuration masks, and
sampling rate)
Slave Address: equiva-
lent to chip-select line
Command Byte: selects
which register you are
reading from
Slave Address: repeated
due to change in data-
flow direction
Data Byte: reads from
the register set by the
command byte
Command Byte: sends com-
mand with no data, usually
used for one-shot command
Data Byte: reads data from
the register commanded
by the last read byte or
write byte transmission;
also used for SMBus alert
response return address
S = START CONDITION
SHADED = SLAVE TRANSMISSION
P = STOP CONDITION
A = NOT ACKNOWLEDGED
Figure 2. I2C Protocols
S
ADDRESS
RD
A
DATA
A
P
7 bits
8 bits
WR
S
A
COMMAND
A
P
8 bits
ADDRESS
7 bits
P
1
A
DATA
8 bits
A
COMMAND
8 bits
A
WR
ADDRESS
7 bits
S
S
ADDRESS
WR
A
COMMAND
A
S
ADDRESS
7 bits
8 bits
7 bits
RD
A
DATA
8 bits
A
P
Detailed Description
The MAX6620 controls the speeds of up to four fans
using four independent linear voltage outputs. The
drive voltages for the fans are controlled directly over
the I2C interface. Each of the outputs (DACOUT1–
DACOUT4) drive the base of an external PNP or the
gate of a p-channel MOSFET. Voltage feedback at the
fan’s power-supply terminal is used to force the output
voltage.
The MAX6620 monitors fan tachometer logic outputs for
precise (1%) control of fan RPM and detection of fan
failure. When the MAX6620 is used with 2-wire fans,
these inputs are not used, and the fans can be driven
to the desired voltage without using tachometer feed-
back.
Three inputs set the fan drive status on application of
power. The DAC_START input selects the fan-supply
voltage (100%, 75%, or 0%) at startup to ensure appro-
priate fan drive when power is first applied. The
SPIN_START input selects whether spin-up will be
applied to the fans at power-up. WD_START selects
whether lack of I2C activity will force the fans to full
speed. When the watchdog function is enabled, the
fans will be driven to full speed if there is no I2C activity
for a period of 2s, 6s, or 10s.
Digital Interface
The MAX6620 features an I2C-compatible, 2-wire serial
interface consisting of a bidirectional serial data line
(SDA) and a serial clock line (SCL). SDA and SCL facili-
tate bidirectional communication between the MAX6620
and the master at rates up to 400kHz. The master (typi-
cally a microcontroller) initiates data transfer on the bus
and generates SCL. SDA and SCL require 4.7k
Ω (typ)
pullup resistors.
Bit Transfer
One data bit is transferred during each SCL clock
cycle. Nine clock cycles are required to transfer the
data into or out of the MAX6620. The data on SDA must
remain stable during the high period of the SCL clock
pulse, as changes in SDA while SCL is high are control
signals (see the
START and STOP Conditions section).
Both SDA and SCL idle high.


Similar Part No. - MAX6620ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6620ATI++ MAXIM-MAX6620ATI+ Datasheet
281Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 1; 1/13
More results

Similar Description - MAX6620ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6620 MAXIM-MAX6620 Datasheet
355Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 0; 3/08
MAX6620 MAXIM-MAX6620_14 Datasheet
281Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 1; 1/13
logo
Global Mixed-mode Techn...
G762 GMT-G762 Datasheet
309Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G764 GMT-G764 Datasheet
32Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G761 GMT-G761 Datasheet
47Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
   Fan Speed Controller
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
   FAN SPEED CONTROLLER
R2_0215
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
   Fan Speed PWM Controller
logo
Anachip Corp
AP438 ANACHIP-AP438 Datasheet
153Kb / 8P
   PWM Fan Speed Controller
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
   Fan Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com