Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4617EUE+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4617EUE+T
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617EUE+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4617EUE+T Datasheet HTML 5Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 6Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 7Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 8Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 9Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 10Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 11Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 12Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MAX4617/MAX4618/MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
9
Maxim Integrated
The logic-level thresholds are TTL/CMOS compatible
when VCC is +5V. As VCC rises, the threshold increas-
es; as VCC falls, the threshold decreases. For example,
when VCC = +3V the guaranteed minimum logic-high
threshold decreases to 2.0V
Power Supply
These devices operate from a single supply between
+2.5V and +5.5V. All of the bipolar precautions must be
observed. At room temperature, they actually “work”
with a single supply near or below +2V, although as
supply voltage decreases, switch on-resistance
becomes very high.
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence VCC on first, followed by the logic
inputs and analog signals. If power-supply sequencing
is not possible, add two small signal diodes (D1, D2) in
series with the supply pins for overvoltage protection
(Figure 1).
Adding diodes reduces the analog-signal range to one
diode drop below VCC and one diode drop above
GND, but does not affect the devices’ low switch resis-
tance and low leakage characteristics. Device opera-
tion is unchanged, and the difference between VCC
and GND should not exceed 6V. These protection
diodes are not recommended if signal levels must
extend to ground.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up
to 50MHz (see
Typical Operating Characteristics).
Above 20MHz, the on-response has several minor
peaks that are highly layout dependent. The problem is
not turning the switch on, but turning it off. The off-state
switch acts like a capacitor and passes higher frequen-
cies with less attenuation. At 10MHz, off-isolation is
about -50dB in 50
Ω systems, becoming worse (approx-
imately 20dB per decade) as frequency increases.
Higher circuit impedances also degrade off-isolation.
Adjacent channel attenuation is about 3dB above that
of a bare IC socket and is entirely due to capacitive
coupling.
Pin Nomenclature
The MAX4617/MAX4618/MAX4619 are pin compatible
with the industry-standard 74HC4051/74HC4052/
74HC4053 and the MAX4581/MAX4582/MAX4583. In
single-supply applications, they function identically and
have identical logic diagrams, although these parts dif-
fer electrically.
The pin designations and logic diagrams in this data
sheet conform to the original 1972 specifications pub-
lished by RCA for the CD4051/CD4052/CD4053. These
designations differ from the standard Maxim switch and
mux designations found on other Maxim data sheets
(including the MAX4051/MAX4052/MAX4053) and may
cause confusion. Designers who feel more comfortable
with Maxim’s standard designations are advised that
the pin designations and logic diagrams on the
MAX4051/MAX4052/MAX4053 data sheet may be freely
applied to the MAX4617/MAX4618/MAX4619.
X, Y, Z
X_, Y_, Z_
VEE
VCC
*INTERNAL PROTECTION DIODES
D2
EXTERNAL
BLOCKING DIODE
D1
EXTERNAL
BLOCKING DIODE
GND
VCC
MAX4617
MAX4618
MAX4619
*
*
*
*
Figure 1. Overvoltage Protection Using External Blocking
Diodes


Similar Part No. - MAX4617EUE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617EUE MAXIM-MAX4617EUE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results

Similar Description - MAX4617EUE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com