Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4617EUE+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4617EUE+T
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4617EUE+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4617EUE+T Datasheet HTML 3Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 4Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 5Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 6Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 7Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 8Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 9Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 10Page - Maxim Integrated Products MAX4617EUE+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MAX4617/MAX4618/MAX4619
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
7
Maxim Integrated
0
0.005
0.010
0.015
0.020
0.025
08
10
46
2
1214161820
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (kHz)
VCC = +3V,
1Vp-p SIGNAL
VCC = +3.3V,
1Vp-p SIGNAL
VCC = +5V,
1Vp-p SIGNAL
VCC = 2.5V,
1Vp-p SIGNAL
IN = OUT = 600
Ω
0
4
2
8
6
12
10
14
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
SWITCHING TIME vs. VOLTAGE
V+ (V)
1.0
1.4
1.2
1.6
1.8
2.0
2.5
3.0
4.0
3.5
4.5
5.0
INPUT HIGH LOGIC THRESHOLD
vs. SUPPLY VOLTAGE
VCC (V)
10k
100k
1M
10M
100M
500M
FREQUENCY RESPONSE
MAX4617 toc09
FREQUENCY (Hz)
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
-180
-72
-108
-144
-36
0
36
72
108
144
180
ON-LOSS
ON-PHASE
OFF-ISOLATION
IN = OUT = 50
Ω
Typical Operating Characteristics (continued)
(VCC = +5V, GND = 0, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4617EUE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617EUE MAXIM-MAX4617EUE Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results

Similar Description - MAX4617EUE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com