Electronic Components Datasheet Search |
|
MAX4617 Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX4617 Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 16 page MAX4617/MAX4618/MAX4619 High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches 2 Maxim Integrated ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS—Single +5V Supply (VCC = +4.5V to +5.5V, V_H = 2.4V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Voltages Referenced to GND VCC, A, B, C, or Enable...........................................-0.3V to +6V Voltage into Any Analog Terminal (Note 1) .........................................................-0.3V to (VCC + 0.3V) Continuous Current into Any Terminal..............................±75mA Peak Current, X_, Y_, Z_ (pulsed at 1ms, 10% duty cycle) .................................±200mA Continuous Power Dissipation (TA = +70°C) TSSOP (derate 9.4mW/°C above +70°C) ......................755mW Narrow SO (derate 8.70mW/°C above +70°C)..............696mW Plastic DIP (derate 10.53mW/°C above +70°C) ..............842mW Operating Temperature Ranges MAX461_C_ _ ......................................................0°C to +70°C MAX461_E_ _ ....................................................-40°C to +85°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10sec) .............................+300°C Soldering Temperature (reflow) .......................................+260°C Note 1: Voltages exceeding VCC or GND on any analog signal terminal are clamped by internal diodes. Limit forward-diode current to maximum current rating. C, E -10 10 -1 0.002 1 X, Y, Z On-Leakage Current (Note 5) IX(ON), IY(ON), IZ(ON) nA TA = +25°C C, E -10 10 -1 0.002 1 X, Y, Z Off-Leakage Current (Note 5) IX(OFF), IY(OFF), IZ(OFF) nA TA = +25°C C, E -10 10 -1 0.002 1 X_, Y_, Z_ Off-Leakage Current (Note 5) IX_(OFF), IY_(OFF), IZ_(OFF) nA TA = +25°C Input Voltage Low 0.8 C, E VAL, VBL, VCL, VENABLEL V Input Voltage High VAH, VBH, VCH, VENABLEH V 2.4 C, E PARAMETER SYMBOL UNITS MIN TYP MAX CONDITIONS 1 13 0VCC 810 1.2 0.2 1 Switch On-Resistance Flatness (Note 4) RFLAT(ON) Ω Switch On-Resistance Match Between Channels (Note 3) ΔRON C, E Ω TA = +25°C Switch On-Resistance RON C, E Ω Analog-Signal Range VX, VY, VZ C, E V TA = +25°C C, E ANALOG SWITCH VCC = 5.5V; VX, VY, VZ = 1V, 4.5V; VX_, VY_, VZ_ = 1V, 4.5V or unconnected VCC = 5.5V; VEE = -5.5V; VX_, VY_, VZ_ = 4.5V, 1V; VX, VY, VZ = 1V, 4.5V VCC = 5.5V; VX_, VY_, VZ_ = 4.5V, 1V; VX, VY, VZ = 1V, 4.5V VCC = 5V; IX, IY, IZ = 10mA; VX, VY, VZ = 1V, 2V, 3V VCC = 5V; IX, IY, IZ = 10mA; VX, VY, VZ = 3V VCC = 4.5V; IX, IY, IZ = 10mA; VX, VY, VZ = 3V DIGITAL I/O |
Similar Part No. - MAX4617_12 |
|
Similar Description - MAX4617_12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |