Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4250EUK+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4250EUK+T
Description  UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4250EUK+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4250EUK+T Datasheet HTML 1Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 2Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 3Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 4Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 5Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 6Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 7Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 8Page - Maxim Integrated Products MAX4250EUK+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UCSP, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
4
Maxim Integrated
MAX4249–MAX4257
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL connected to VDD/2, SHDN = VDD, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
f = 1kHz
0.0004
MAX4250–MAX4254
AV = 1V/V, VOUT = 2VP-P,
RL = 1k to GND
(Note 7)
f = 20kHz
0.006
f = 1kHz
0.0012
Total Harmonic Distortion Plus
Noise
THD+N
MAX4249/MAX4255/
MAX4256/MAX4257
AV = 1V/V, VOUT = 2VP-P,
RL = 1k to GND (Note 7) f = 20kHz
0.007
%
Capacitive-Load Stability
No sustained oscillations
400
pF
MAX4250–MAX4254, AV = 1V/V
10
Gain Margin
GM
MAX4249/MAX4255/MAX4256/MAX4257,
AV = 10V/V
12.5
dB
MAX4250–MAX4254, AV = 1V/V
74
Phase Margin
ΦM
MAX4249/MAX4255/MAX4256/MAX4257,
AV = 10V/V
68
Degrees
MAX4250–MAX4254
6.7
Settling Time
To 0.01%, VOUT
= 2V step
MAX4249/MAX4255/
MAX4256/MAX4257
1.6
µs
MAX4251/MAX4253
0.8
Delay Time to Shutdown
tSH
IVDD = 5% of
normal
operation
MAX4249/MAX4256
1.2
µs
MAX4251/MAX4253
8
Delay Time to Enable
tEN
VOUT = 2.5V,
VOUT settles to
0.1%
MAX4249/MAX4256
3.5
µs
Power-Up Delay Time
tPU
VDD = 0 to 5V step, VOUT stable to 0.1%
6
µs
Note 2: SHDN is available on the MAX4249/MAX4251/MAX4253/MAX4256 only.
Note 3: All device specifications are 100% tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 4: Guaranteed by the PSRR test.
Note 5: Offset voltage prior to reflow on the UCSP.
Note 6: Guaranteed by design.
Note 7: Lowpass-filter bandwidth is 22kHz for f = 1kHz and 80kHz for f = 20kHz. Noise floor of test equipment = 10nV/!Hz.


Similar Part No. - MAX4250EUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4250EUK+T MAXIM-MAX4250EUK+T Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results

Similar Description - MAX4250EUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com