Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3280E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3280E
Description  ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3280E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3280E Datasheet HTML 1Page - Maxim Integrated Products MAX3280E Datasheet HTML 2Page - Maxim Integrated Products MAX3280E Datasheet HTML 3Page - Maxim Integrated Products MAX3280E Datasheet HTML 4Page - Maxim Integrated Products MAX3280E Datasheet HTML 5Page - Maxim Integrated Products MAX3280E Datasheet HTML 6Page - Maxim Integrated Products MAX3280E Datasheet HTML 7Page - Maxim Integrated Products MAX3280E Datasheet HTML 8Page - Maxim Integrated Products MAX3280E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Maxim Integrated
MAX3280E/MAX3281E/
MAX3283E/MAX3284E
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3V to 5.5V, VL = VCC, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = 5V and TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All Voltages Referenced to GND)
Supply Voltage (VCC) ...............................................-0.3V to +6V
Control Input Voltage (EN, EN).................................-0.3V to +6V
VL Input Voltage .......................................................-0.3V to +6V
Receiver Input Voltage (A, B)..............................-7.5V to +12.5V
Receiver Output Voltage (RO)....................-0.3V to (VCC + 0.3V)
Receiver Output Voltage
(RO) (MAX3284E) .....................................-0.3V to (VL + 0.3V)
Receiver Output Short-Circuit Current .......................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C)............696mW
Operating Temperature Range
MAX328_EA__ ..............................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
5.5
V
Supply Current
ICC
No load
9
15
mA
VL Input Range
VL
MAX3284E
1.65
VCC
V
VL Supply Current
IL
No load (MAX3284E)
10
µA
RECEIVER
VIN = +12V
250
Input Current (A and B)
IA, B
VCC = VGND or 5.5V
VIN = -7V
-200
µA
Receiver Differential Threshold
Voltage
VTH
-7V
VCM
+12V (Note 4)
-200
-125
-50
mV
Receiver Input Hysteresis
VTH
VA + VB = 0V
25
mV
Receiver Enable Input Low
VENIL
MAX3281E, MAX3283E only
0.4
V
Receiver Enable Input High
VENIH
MAX3281E, MAX3283E only
2
V
Receiver Enable Input Leakage
ILEAK
MAX3281E, MAX3283E only
±10
µA
MAX3280E/MAX3281E/MAX3283E,
IOH = -4mA, RO high
VCC - 0.4
Receiver Output High Voltage
VOH
MAX3284E, IOH = -1mA, 1.65V
VL
VCC,
RO high
VL - 0.4
V
MAX3280E/MAX3281E/MAX3283E,
IOL = 4mA, RO low
0.4
Receiver Output Low Voltage
VOL
MAX3284E, IOL = 1mA, 1.65V
VL
VCC,
RO low
0.4
V
Three-State Output Current at
Receiver
IOZR
0
VO
VCC, RO = high impedance
±5
µA
Receiver Input Resistance
RIN
-7V
VCM
+12V (Note 5)
48
k
Receiver Output Short-Circuit
Current
IOSR
0
VRO
VCC
±130
mA
ESD PROTECTION
Human Body Model
±15
IEC1000-4-2 (Air-Gap Discharge)
±12
ESD Protection (A, B)
IEC1000-4-2 (Contact Discharge)
±6
kV


Similar Part No. - MAX3280E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
MAX3280E MAXIM-MAX3280E Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3280E MAXIM-MAX3280E Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3280E MAXIM-MAX3280E Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280EAUK MAXIM-MAX3280EAUK Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
More results

Similar Description - MAX3280E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com