Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2465P+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS2465P+T
Description  DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2465P+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS2465P+T Datasheet HTML 7Page - Maxim Integrated Products DS2465P+T Datasheet HTML 8Page - Maxim Integrated Products DS2465P+T Datasheet HTML 9Page - Maxim Integrated Products DS2465P+T Datasheet HTML 10Page - Maxim Integrated Products DS2465P+T Datasheet HTML 11Page - Maxim Integrated Products DS2465P+T Datasheet HTML 12Page - Maxim Integrated Products DS2465P+T Datasheet HTML 13Page - Maxim Integrated Products DS2465P+T Datasheet HTML 14Page - Maxim Integrated Products DS2465P+T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
12
Maxim Integrated
DS2465
DeepCover Secure Authenticator with
SHA-256 Coprocessor and 1-Wire Master Function
ABRIDGED DATA SHEET
1-Wire Port Configurations
The DS2465 allows adapting several timing parameters and the pullup resistor to the application’s needs. Each of these
parameters has its own 1-Wire Port Configuration register, located in the address range from 68h to 6Dh (Table 5). For
tRSTL, tMSP and tW0L the values for standard and overdrive speed can be adjusted independently. The lower nibble applies
to standard speed, the upper nibble to overdrive speed. The tREC0 and RWPU settings apply at both 1-Wire speeds. The
parameter tW1L can be adjusted for overdrive speed only; the standard speed value us fixed. For tREC0, RWPU and tW1L
the upper nibble has no function. See Table 6 for the conversion between binary code and parameter value.
After a device reset (power-up cycle, a low pulse at SLPZ, or initiated by the 1-Wire Master Reset command), the 1-Wire
Port Configuration registers are initialized to their default values. To change a port configuration, access the respective
register in I2C write mode and provide the new code as data byte. Starting at address 68h all port configurations can
be adjusted in a single write access. The new setting applies on the rising SCL edge of the data byte acknowledge bit,
provided that the 1-Wire line is not busy (1WB = 0). The upper 4 bits of the registers at 6Bh to 6Dh are not used. They
can be written, byte their value has no effect on the device operation.
Figure 4. Rising Edge Pullup During a Time Slot
Table 5. 1-Wire Port Configuration Address Details
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
68h
tRSTL Overdrive Speed (OD)
tRSTL Standard Speed (STD)
69h
tMSP Overdrive Speed (OD)
tMSP Standard Speed (STD)
6Ah
tW0L Overdrive Speed (OD)
tW0L Standard Speed (STD)
6Bh
(not used, default 0000b)
tREC0 (speed independent)
6Ch
(not used, default 0000b)
RWPU (speed independent)
6Dh
(not used, default 0000b)
tW1L Overdrive Speed (OD)
APU = 0
APU = 1
VCC
0V
1-Wire LINE IS
DISCHARGED
t1
t2
t3
VIAPO
VIL1MAX
tREC0


Similar Part No. - DS2465P+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2465P+T MAXIM-DS2465P+T Datasheet
2Mb / 31P
   SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
More results

Similar Description - DS2465P+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
DS2465 MAXIM-DS2465 Datasheet
2Mb / 31P
   SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS1964S MAXIM-DS1964S Datasheet
599Kb / 13P
   DeepCover Secure Authenticator iButton with SHA-256
Rev 0; 6/18
DS28E22 MAXIM-DS28E22_V01 Datasheet
875Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0020; Rev 3; 7/21
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
DS28E25 MAXIM-DS28E25_V01 Datasheet
725Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
DS28EL25 MAXIM-DS28EL25 Datasheet
858Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
Rev 0; 12/12
DS28E15 MAXIM-DS28E15_V01 Datasheet
339Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 512-Bit User EEPROM
219-0018; Rev 3; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com