Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1004-04VTG Datasheet(PDF) 1 Page - Littelfuse

Part # SP1004-04VTG
Description  Analog video ports typically have signals that swing above and below GND
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1004-04VTG Datasheet(HTML) 1 Page - Littelfuse

  SP1004-04VTG Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Silicon Protection Arrays
©2009 Littelfuse, Inc
17
Application Guide
Analog Video
Considerations:
● Analog video ports typically have signals that swing above and below GND (i.e. ±2V)
→ A bidirectional protection device should be used as these devices will not clip the analog signal
● S-Video, Composite, and RF/Coaxial are a few of the common low-speed analog video signals in use today
→Typical bus speeds will not exceed 5MHz so capacitance is not much of a concern
→ Protection of the three are shown below (Y, C, Video, and RF)
Application Schematic:
Recommended SPA Devices:
Ordering Number
ESD Level
(Contact)
Lightning
(tP=8/20μs)
I/O
Capacitance
# of
Channels
VRWM
Packaging
SP1004-04VTG
±8kV
2A
5pF
4
6V
SOT953
SP1002-01JTG
±8kV
2A
5pF
1
6V
SC70-3
SP1002-02JTG
±8kV
2A
5pF
2
6V
SC70-5
Video ADC
Outside
World
Y
Case GND
Video Port
C
Chrominance
Luminance
Composite
IC
Video
RF
Coaxial
Case GND
SP1004


Similar Part No. - SP1004-04VTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1004-04VTG LITTELFUSE-SP1004-04VTG Datasheet
704Kb / 4P
   5pF 8kV Bidirectional TVS Array
More results

Similar Description - SP1004-04VTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1002-02JTG LITTELFUSE-SP1002-02JTG Datasheet
548Kb / 1P
   Audio ports typically have signals that swing above and below GND
logo
Maxim Integrated Produc...
MAX14760 MAXIM-MAX14760 Datasheet
1Mb / 13P
   Above- and Below-the-Rails Low-Leakage Analog Switches
19-6052; Rev 1; 8/12
MAX14759 MAXIM-MAX14759 Datasheet
2Mb / 16P
   Above- and Below-the-Rails Low On-Resistance Analog Switches
Rev 1; 8/12
MAX14778 MAXIM-MAX14778 Datasheet
2Mb / 15P
   Dual 25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 0; 6/11
MAX14778 MAXIM-MAX14778_V01 Datasheet
1Mb / 16P
   Dual 짹25V Above- and Below-the-Rails 4:1 Analog Multiplexer
19-5929; Rev 3; 7/20
MAX14778 MAXIM-MAX14778_12 Datasheet
2Mb / 15P
   Dual ±25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 1; 6/12
logo
IXYS Corporation
LOC211P IXYS-LOC211P Datasheet
112Kb / 5P
   Couples Analog and Digital Signals
logo
List of Unclassifed Man...
SDA15S ETC2-SDA15S Datasheet
811Kb / 6P
   Plug viewed from above, socket viewed from below.
SDA15SNT ETC2-SDA15SNT Datasheet
745Kb / 6P
   Plug viewed from above, socket viewed from below.
logo
Siemens Semiconductor G...
TDA5660P SIEMENS-TDA5660P Datasheet
776Kb / 44P
   Modular for TV, Video and Sound Signals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com