Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

051525-0044 Datasheet(PDF) 1 Page - ITT Industries

Part # 051525-0044
Description  D*M High reliable D-Sub Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

051525-0044 Datasheet(HTML) 1 Page - ITT Industries

  051525-0044 Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DCMM37SZ
Our Catalog Part Number: DCMM-37S-Z
Our Global Manufacturing Part Number: 051525-0044
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
Product Datasheet
General
D*M High reliable D-Sub Connectors
Wire Gauge Range AWG
AWG 20-28
Mating Cycles
500
Contact Arrangement
37 contacts size 20
Dielectric Withstanding Voltage
1000 VAC at sea level
Current Rating
7.5 A max
Contact Resistance
7.5 milli Ohm max
Operating Temperature
-55°/+150°
Salt Spray Test
48 hours
Shell Material
steel
Shell Finish
tin
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Gender
Socket
Contact Type
Straight PCB
Contact Material
copper alloy
Contact Finish
gold over nickel (Performance Class 2)
Hardware
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - 051525-0044

ManufacturerPart #DatasheetDescription
logo
ITT Industries
051525-0000 ITT-051525-0000 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
051525-0035 ITT-051525-0035 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
More results

Similar Description - 051525-0044

ManufacturerPart #DatasheetDescription
logo
ITT Industries
051520-0026 ITT-051520-0026 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
051521-0027 ITT-051521-0027 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
051522-0026 ITT-051522-0026 Datasheet
36Kb / 1P
   D*M High reliable D-Sub Connectors
051522-0044 ITT-051522-0044 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
051523-0000 ITT-051523-0000 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
051523-0036 ITT-051523-0036 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
051524-0000 ITT-051524-0000 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
051524-0044 ITT-051524-0044 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
051529-0016 ITT-051529-0016 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
053516-0012 ITT-053516-0012 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com