Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD711BH Datasheet(PDF) 10 Page - Analog Devices

Part # AD711BH
Description  Precision, Low Cost, High Speed, BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD711BH Datasheet(HTML) 10 Page - Analog Devices

Back Button AD711BH Datasheet HTML 4Page - Analog Devices AD711BH Datasheet HTML 5Page - Analog Devices AD711BH Datasheet HTML 6Page - Analog Devices AD711BH Datasheet HTML 7Page - Analog Devices AD711BH Datasheet HTML 8Page - Analog Devices AD711BH Datasheet HTML 9Page - Analog Devices AD711BH Datasheet HTML 10Page - Analog Devices AD711BH Datasheet HTML 11Page - Analog Devices AD711BH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD711
REV. A
–10–
Figure 31. Unipolar Binary Operation
Figure 32. Bipolar Operation
R1 and R2 calibrate the zero offset and gain error of the DAC.
Specific values for these resistors depend upon the grade of
AD7545 and are shown below.
Table I. Recommended Trim Resistor Values vs. Grades
of the AD7545 for VDD = +5 V
TRIM
RESISTOR JN/AQ/SD KN/BQ/TD LN/CQ/UD GLN/GCQ/GUD
R1
500
200
100
20
R2
150
68
33
6.8
Figures 33a and 33b show the settling time characteristics of the
AD711 when used as a DAC output buffer for the AD7545.
a. Full-Scale Positive
b. Full-Scale Negative
Transition
Transition
Figure 33. Settling Characteristics for AD711 with AD7545
NOISE CHARACTERISTICS
The random nature of noise, particularly in the 1/f region, makes
it difficult to specify in practical terms. At the same time, design-
ers of precision instrumentation require certain guaranteed maxi-
mum noise levels to realize the full accuracy of their equipment.
The AD711C grade is specified at a maximum level of 4.0
µV
p-p, in a 0.1 to 10 Hz bandwidth. Each AD711C receives a
100% noise test for two 10-second intervals; devices with any ex-
cursion in excess of 4.0
µV are rejected. The screened lot is then
submitted to Quality Control for verification on an AQL basis.
All other grades of the AD711 are sample-tested on an AQL
basis to a limit of 6
µV p-p, 0.1 to 10 Hz.
DRIVING THE ANALOG INPUT OF AN A/D CONVERTER
An op amp driving the analog input of an A/D converter, such as
that shown in Figure 34, must be capable of maintaining a con-
stant output voltage under dynamically changing load condi-
tions. In successive-approximation converters, the input current
is compared to a series of switched trial currents. The compari-
son point is diode clamped but may deviate several hundred mil-
livolts resulting in high frequency modulation of A/D input
current. The output impedance of a feedback amplifier is made
artificially low by the loop gain. At high frequencies, where the
loop gain is low, the amplifier output impedance can approach
its open loop value. Most IC amplifiers exhibit a minimum open
loop output impedance of 25
Ω due to current limiting resistors.
A few hundred microamps reflected from the change in converter
Figure 34. AD711 as ADC Unity Gain Buffer
a. Full-Scale Positive
Transition
b. Full-Scale Negative
Transition
Figure 35. ADC Input Unity Gain Buffer Recovery Times
a. Source Current = 2 mA
b. Sink Current = 1 mA


Similar Part No. - AD711BH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711BQ AD-AD711BQ Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711BQ AD-AD711BQ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711BQ AD-AD711BQ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711BQ AD-AD711BQ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results

Similar Description - AD711BH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_02 Datasheet
592Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD712 AD-AD712_15 Datasheet
387Kb / 20P
   Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com