Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3050-04HTG Datasheet(PDF) 1 Page - Littelfuse

Part # SP3050-04HTG
Description  10/100 relates to the data rate in Mbps (i.e. 10Mbps and 100Mbps)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3050-04HTG Datasheet(HTML) 1 Page - Littelfuse

  SP3050-04HTG Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Silicon Protection Arrays
©2009 Littelfuse, Inc
10
Application Guide
10/100 Ethernet
Considerations:
● 10/100 relates to the data rate in Mbps (i.e. 10Mbps and 100Mbps)
→ For 10 Base-T, data is transmitted over 2 UTP (unshielded twisted pairs) using a 10MHz clock
→ For 100Base-TX, data is transmitted over 2 UTP using a 125MHz clock
● For these data rates the parasitic capacitance needs to be taken into account to preserve signal integrity
● The 4 data lines below (Tx+/- and Rx+/-) are being protected against intra-building (i.e. 100A, tP=8/20us) lightning
transients by a two stage protection scheme
Application Schematic:
Recommended SPA Devices:
Ordering Number
ESD Level
(Contact)
Lightning
(tP=8/20μs)
I/O
Capacitance
# of
Channels
VRWM
Packaging
SP03-xBTG
±30kV
150A
16pF
2
3.3V,6V
SOIC-8
SP3050-04HTG
±20kV
10A
2.4pF
4
6V
SOT23-6
Ethernet
PHY
Outside
World
Case GND
Tx-
Rx+
Rx-
J1
J8
SP03 (x2)
Tx+
*Package is shown as transparent
RJ-45
Connector
Case GND
SP3050
NC


Similar Part No. - SP3050-04HTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3050-04HTG LITTELFUSE-SP3050-04HTG Datasheet
152Kb / 1P
   1000 relates to the data rate in Mbps (i.e. 1000Mbps)
SP3050-04HTG LITTELFUSE-SP3050-04HTG Datasheet
548Kb / 1P
   LVDS is a low noise, low-voltage signal scheme that uses a small current (typically 3.5mA) to generate a voltage drop across a 100廓 resistor to convey information or data
More results

Similar Description - SP3050-04HTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPLV2.8-4BTG LITTELFUSE-SPLV2.8-4BTG Datasheet
152Kb / 1P
   1000 relates to the data rate in Mbps (i.e. 1000Mbps)
logo
Level One
PFE-1001T LVL1-PFE-1001T Datasheet
1Mb / 3P
   100 Mbps Data Transfer Rate
logo
Analog Devices
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817ACPZ-RL7 AD-ADN2817ACPZ-RL7 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
logo
STMicroelectronics
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
   Guaranteed 20 Mbps data rate
September 2013 Rev 2
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
   Data transfer up to 10 Mbps
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com