Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHSC-0802S Datasheet(PDF) 1 Page - Allied Components International

Part # AHSC-0802S
Description  10/100 Base T Single Port LAN Filter Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AHSC-0802S Datasheet(HTML) 1 Page - Allied Components International

  AHSC-0802S Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Revised 1/02/13
SCHEMATICS
ALLIED
DATECODE
AHSC-0802S
Dimensions:inch( mm)
Unless otherwise specified, all tolerances are ±0.010(0.25)
0.217(5.50)
0.315(8.00)
0.327(8.30)
0.039(1.00)
0.110(2.80)
0.161
(4.10)
0.016
(0.40)
0°~8°
8.30
0.70
3.81
2.54
0.050(1.27)
0.020(0.50)
1
4
8
5
1
4
8
5
4
5
8
1:1
1
2
6
All specifications subject to change without notice.
MECHANICAL
10/100 Base T Single Port LAN Filter Module
AHSC-0802S
Capacitance: 100KHz, 0.2V
Leakage Inductance: @ 100KHz, 0.2V
(1-4 to 5-8): 25pF MAX
(1-4, SHORT 5-8): 1.0µH MAX
Low Profile
Ethernet based LAN, WAN and other networking applications
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100KHz, 0.2V
Turns Ratio
chip: cable
(±5%)
DCR
(Max)
With 8mA DC Bias
AHSC-0802S
(1-4):100 (5-8):100
(1-4:5-8)=1:1
(1-4:5-8)=0.6
1500 Vrms
HI-POT TEST
(Winding to Winding)
Operating Temp: 0ºC to 70ºC


Similar Part No. - AHSC-0802S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHSC-0801S ALLIED-AHSC-0801S Datasheet
373Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-0804S ALLIED-AHSC-0804S Datasheet
277Kb / 1P
   10/100 Base T Single Port LAN Filter Module
More results

Similar Description - AHSC-0802S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AH1601CI ALLIED-AH1601CI Datasheet
539Kb / 2P
   10/100 Base T Single Port LAN Filter Module
AHSC-0804S ALLIED-AHSC-0804S Datasheet
277Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1612S ALLIED-AHSC-1612S Datasheet
305Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1607CI ALLIED-AHSC-1607CI Datasheet
323Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1616S ALLIED-AHSC-1616S Datasheet
319Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-0801S ALLIED-AHSC-0801S Datasheet
373Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AH1614CI ALLIED-AH1614CI Datasheet
353Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1623S ALLIED-AHSC-1623S Datasheet
423Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AH1606CS ALLIED-AH1606CS Datasheet
376Kb / 1P
   10/100 Base T Single Port LAN Filter Module
AHSC-1607PS ALLIED-AHSC-1607PS Datasheet
396Kb / 1P
   10/100 Base T Single Port LAN Filter Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com