Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGTS-8803PI Datasheet(PDF) 1 Page - Allied Components International

Part # AGTS-8803PI
Description  100/1000 Base T Gigabit Quad Port PoE Plus
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AGTS-8803PI Datasheet(HTML) 1 Page - Allied Components International

  AGTS-8803PI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
05/02/12
SCHEMATICS
88
1
2
3
87
86
85
4
5
6
84
83
82
7
8
9
81
80
79
10
11
78
76
13
14
75
15
16
73
74
72
17
19
18
70
71
69
20
22
67
12
77
21
68
23
25
24
26
28
27
29
30
31
32
33
66
64
65
63
61
62
60
59
58
57
56
34
35
36
37
38
39
40
41
42
43
44
55
54
53
52
51
50
49
48
47
46
45
All specifications subject to change without notice.
MECHANICAL
100/1000 Base T Gigabit Quad Port PoE Plus
AGTS-8803PI
PoE Plus with 720mA Current Capability
Compliant to IEEE802.3at / ANSI X3.263
Operating Temp: -40ºC to +85ºC
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.2V
Turns Ratio
chip: cable
(± 5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
1-100MHz
1-30MHz
40MHz
AGTS-8803PI
350
1CT:1CT
-1.0
-18
-14.4
60-80MHz
-12
50MHz
-13.1
Part
Number
AGTS-8803PI
100MHz
-10
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms)
-35
1500
30MHz
-40
100MHz
-30
Common Mode Rejection
(dB Min)
60MHz
Isolation
1-100Hz
-30
ALLIED
AGTS-8803PI
DATECODE


Similar Part No. - AGTS-8803PI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AGTS-8803PS ALLIED-AGTS-8803PS Datasheet
413Kb / 1P
   100/1000 Base T Gigabit Quad Port Transformer
More results

Similar Description - AGTS-8803PI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AGSC-4811PI ALLIED-AGSC-4811PI Datasheet
391Kb / 1P
   100/1000 Base T Gigabit PoE Plus
AGSC-4806PS ALLIED-AGSC-4806PS Datasheet
449Kb / 1P
   100/1000 Base T Gigabit Dual Port PoE Plus
AGTA-4801PS ALLIED-AGTA-4801PS Datasheet
389Kb / 1P
   100/1000 Base T Gigabit Dual Port PoE Plus
AGSC-2408PI ALLIED-AGSC-2408PI Datasheet
345Kb / 1P
   100/1000 Base T Gigabit Dual Port PoE Plus
AGSC-2417PI ALLIED-AGSC-2417PI Datasheet
299Kb / 1P
   10/100/1000 Base T Gigabit PoE Plus
AGSC-2417PS ALLIED-AGSC-2417PS Datasheet
310Kb / 1P
   10/100/1000 Base T Gigabit Single PoE Plus
AGT-5004S ALLIED-AGT-5004S Datasheet
1Mb / 1P
   10/100/1000 Gigabit Base-T Dual Port PoE Plus LAN Filter
AGTS-7201S ALLIED-AGTS-7201S Datasheet
441Kb / 1P
   100/1000 Base T Gigabit Quad Port Transformer
AGTS-8804S ALLIED-AGTS-8804S Datasheet
415Kb / 1P
   100/1000 Base T Gigabit Quad Port Transformer
AGTA-7208NS ALLIED-AGTA-7208NS Datasheet
446Kb / 1P
   100/1000 Base T Gigabit Quad Port Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com