Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD122 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJD122
Description  SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD122 Datasheet(HTML) 3 Page - Motorola, Inc

  MJD122 Datasheet HTML 1Page - Motorola, Inc MJD122 Datasheet HTML 2Page - Motorola, Inc MJD122 Datasheet HTML 3Page - Motorola, Inc MJD122 Datasheet HTML 4Page - Motorola, Inc MJD122 Datasheet HTML 5Page - Motorola, Inc MJD122 Datasheet HTML 6Page - Motorola, Inc MJD122 Datasheet HTML 7Page - Motorola, Inc MJD122 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJD122 MJD127
3
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMP)
500
0.2
5000
2000
10,000
0.1
0.7
3000
0.5
1
20,000
1000
2
3
5
3
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.3
0.5
1
7
3
5
2
1
IC, COLLECTOR CURRENT (AMP)
2
1.5
3
2.5
1
0.5
0.2
3
0.1
0.7
0.3
1
5
10
20 30
200
300
0.3
7
10
0.7
0.5
7
2
10
PNP MJD127
NPN MJD122
IC, COLLECTOR CURRENT (AMP)
500
0.2
5000
2000
10,000
VCE = 4 V
TJ = 150°C
7000
0.1
0.7
25
°C
– 55
°C
3000
0.5
1
20,000
700
1000
2
3
5
3
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.3
0.5
1
7
3
5
4 A
IC = 2 A
2
TJ = 25°C
1
IC, COLLECTOR CURRENT (AMP)
2
1.5
3
2.5
1
0.5
TJ = 25°C
VBE(sat) @ IC/IB = 250
VBE @ VCE = 4 V
VCE(sat) @ IC/IB = 250
0.2
3
0.1
0.7
0.3
1
5
10
20
30
Figure 2. DC Current Gain
Figure 3. Collector Saturation Region
Figure 4. “On” Voltages
200
300
0.3
7
10
0.7
0.5
7
2
10
6 A
VCE = 4 V
TJ = 150°C
25
°C
– 55
°C
TJ = 25°C
4 A
IC = 2 A
6 A
TJ = 25°C
VBE @ VCE = 4 V
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
TYPICAL ELECTRICAL CHARACTERISTICS


Similar Part No. - MJD122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
284Kb / 8P
   Complementary Darlington Power Transistors
1995 REV 1
logo
Jiangsu Changjiang Elec...
MJD122 JIANGSU-MJD122 Datasheet
1Mb / 3P
   TRANSISTOR(NPN)
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122 Datasheet
81Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
106Kb / 8P
   Complementary Darlington Power Transistor
September, 2016 ??Rev. 15
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
   Complementary Darlington Power Transistors
More results

Similar Description - MJD122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD112 MOTOROLA-MJD112 Datasheet
306Kb / 6P
   SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
   SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
MJE18206 MOTOROLA-MJE18206 Datasheet
504Kb / 12P
   POWER TRANSISTORS 8 AMPERES 1200 VOLTS 40 and 100 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11_13 Datasheet
132Kb / 8P
   Complementary Power Transistors SILICON POWER TRANSISTORS 8 AMPERES
September, 2013 ??Rev. 16
logo
Motorola, Inc
MJE18604D2 MOTOROLA-MJE18604D2 Datasheet
217Kb / 6P
   POWER TRANSISTORS 3 AMPERES 1600 VOLTS 100 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com