Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744873004 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744873004
Description  POWER-CHOKE WE-DD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744873004 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744873004 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744873004 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744873004 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
12,5 ± 0,1
mm
B
16,0 ± 0,1
mm
C
24,0 ± 0,3
mm
+ 0,1
- 0,0
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
12,6 ± 0,1
mm
J
8,50 ± 0,1
mm
T
0,40 ± 0,05
mm
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
OO
09-11-01
Name
Datum / date
Würth Elektronik eiSos GmbH & Co. KG
D-74638 W aldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
................................................................................
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Unterschrift / signature
mm
1,50
D
DOPPELDROSSEL WE-DD
POWER-CHOKE WE-DD
DATUM / DATE : 2009-11-01
Artikelnummer / part number :
744873004
Spezifikation für Freigabe / specification for release
Kunde / customer :
Änderung / modification
Version 1
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if
there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation
signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed
on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
F
E
øD
A
B
C
H
G
I
T
J
Ø c
a
d
b
SEITE 3 VON 3


Similar Part No. - 744873004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744873001 WURTH-744873001 Datasheet
123Kb / 3P
   POWER-CHOKE WE-DD
744873002 WURTH-744873002 Datasheet
123Kb / 3P
   POWER-CHOKE WE-DD
744873003 WURTH-744873003 Datasheet
122Kb / 3P
   POWER-CHOKE WE-DD
More results

Similar Description - 744873004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744878006 WURTH-744878006 Datasheet
148Kb / 3P
   POWER-CHOKE WE-DD
744874001 WURTH-744874001 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744874003 WURTH-744874003 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744874100 WURTH-744874100 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744870004 WURTH-744870004 Datasheet
133Kb / 3P
   POWER-CHOKE WE-DD
744870100 WURTH-744870100 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744870221 WURTH-744870221 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
7448700015 WURTH-7448700015 Datasheet
90Kb / 3P
   POWER-CHOKE WE-DD
7448709330 WURTH-7448709330 Datasheet
52Kb / 3P
   POWER-CHOKE WE-DD
744878100 WURTH-744878100 Datasheet
150Kb / 3P
   POWER-CHOKE WE-DD
744877008 WURTH-744877008 Datasheet
162Kb / 3P
   POWER-CHOKE WE-DD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com