Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21-0542 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 21-0542
Description  PACKAGE OUTLINE 12 BUMPS, WLP PKG, 0.4MM PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

21-0542 Datasheet(HTML) 1 Page - Maxim Integrated Products

  21-0542 Datasheet HTML 1Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
D
AAAA
PIN 1
INDICATOR
MARKING
A3
A2
A1
A
See
Note 7
0.05 S
S
e
D1
E1
SE
b
SD
B
A
SIDE VIEW
-DRAWING NOT TO SCALE-
1
2
3
4
A
TOP VIEW
BOTTOM VIEW
B
C
A
1
21-0542
C
0.64
0.19
0.45
0.025
0.27
0.80
1.20
0.40
W121G1+1
W121A1+1
W121F1+1
NONE
1.828 0.025
1.288 0.025
NONE
1.300 0.070
1.680 0.070
NONE
1.235 0.015
1.625 0.015
0.05 M S AB
TITLE
DOCUMENT CONTROL NO.
REV.
1
1
APPROVAL
PACKAGE OUTLINE
12 BUMPS, WLP PKG. 0.4mm PITCH
COMMON DIMENSIONS
A
A2
A1
A3
b
E1
D1
e
SD
SE
0.05
0.03
0.03
BASIC
BASIC
0.00 BASIC
0.20 BASIC
BASIC
REF
BASIC
E
D
PKG. CODE
DEPOPULATED
BUMPS
NOTES:
1. Terminal pitch is defined by terminal center to center value.
2. Outer dimension is defined by center lines between scribe lines.
3. All dimensions in millimeter.
4. Marking shown is for package orientation reference only.
5. Tolerance is ± 0.02 unless specified otherwise.
6. All dimensions apply to PbFree (+) package codes only.
7. Front - side finish can be either Black or Clear.
maxim
integrated
TM


Similar Part No. - 21-0542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0548 MAXIM-21-0548 Datasheet
47Kb / 1P
   PACKAGE OUTLINE 30 BUMPS, WLP PKG. 0.4MM PITCH
REV .D
More results

Similar Description - 21-0542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0491 MAXIM-21-0491 Datasheet
52Kb / 1P
   PACKAGE OUTLINE 16 BUMPS WLP PKG. 0.4MM PITCH
REV .G
21-0548 MAXIM-21-0548 Datasheet
47Kb / 1P
   PACKAGE OUTLINE 30 BUMPS, WLP PKG. 0.4MM PITCH
REV .D
21-0612 MAXIM-21-0612 Datasheet
37Kb / 1P
   PACKAGE OUTLINE, 4 BUMPS THIN WLP PKG. 0.4MM PITCH
REV .A
21-0577 MAXIM-21-0577 Datasheet
55Kb / 1P
   PACKAGE OUTLINE, 28 BUMPS WLP PKG. (HIGH CURRENT) O.5MM PITCH
REV .A
21-0093 MAXIM-21-0093 Datasheet
38Kb / 1P
   PACKAGE OUTLINE, 9 BUMPS, 3*3 ARRAY, UCSP(B)PKG.
Rev M
MAX38913AEVK MAXIM-MAX38913AEVK Datasheet
304Kb / 8P
   Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
Rev 0; 3/21
21-0104 MAXIM-21-0104 Datasheet
40Kb / 1P
   PACKAGE OUTLINE, 12BUMPS, 3*4ARRAY, UCSP(B)PKG.
Rev G
21-0576 MAXIM-21-0576 Datasheet
56Kb / 2P
   PACKAGE OUTLINE, 20L 4*4*0.85MM QFN PKG, WITH DIMPLE LEADS
REV .A
MAX77839WEVKIT MAXIM-MAX77839WEVKIT_V01 Datasheet
863Kb / 10P
   Evaluates: MAX77839 in WLP Package
2021
MAX97236 MAXIM-MAX97236 Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com