Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD670KN Datasheet(PDF) 7 Page - Analog Devices

Part # AD670KN
Description  Low Cost Signal Conditioning 8-Bit ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD670KN Datasheet(HTML) 7 Page - Analog Devices

Back Button AD670KN Datasheet HTML 3Page - Analog Devices AD670KN Datasheet HTML 4Page - Analog Devices AD670KN Datasheet HTML 5Page - Analog Devices AD670KN Datasheet HTML 6Page - Analog Devices AD670KN Datasheet HTML 7Page - Analog Devices AD670KN Datasheet HTML 8Page - Analog Devices AD670KN Datasheet HTML 9Page - Analog Devices AD670KN Datasheet HTML 10Page - Analog Devices AD670KN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD670
REV. A
–7–
Table III. AD670 TIMING SPECIFICATIONS
@ +25 C
Symbol
Parameter
Min
Typ
Max
Units
WRITE/CONVERT START MODE
tW
Write/Start Pulse Width
300
ns
tDS
Input Data Setup Time
200
ns
tDH
Input Data Hold
10
ns
tRWC
Read/Write Setup Before Control
0
ns
tDC
Delay to Convert Start
700
ns
tC
Conversion Time
10
µs
READ MODE
tR
Read Time
250
ns
tSD
Delay from Status Low to Data Read
250
ns
tTD
Bus Access Time
200
250
ns
tDH
Data Hold Time
25
ns
tDT
Output Float Delay
150
ns
tRT
R/W before CE or CS low
0
ns
Boldface indicates parameters tested 100% unless otherwise noted. See Specifications page for explanation.
6b. Bipolar
6c. Full Scale (Unipolar)
Figure 6. Transfer Curves
CONTROL AND TIMING OF THE AD670
Control Logic
The AD670 contains on-chip logic to provide conversion and
data read operations from signals commonly available in micro-
processor systems. Figure 7 shows the internal logic circuitry of
the AD670. The control signals, CE, CS, and R/W control the
operation of the converter. The read or write function is deter-
mined by R/W when both CS and CE are low as shown in
Table II. If all three control inputs are held low longer than the
conversion time, the device will continuously convert until one
input, CE, CS, or R/W is brought high. The relative timing of
these signals is discussed later in this section.
Figure 7. Control Logic Block Diagram
Table II. AD670 Control Signal Truth Table
R/W
CS
CE
OPERATION
0
0
0
WRITE/CONVERT
1
0
0
READ
X
X
1
NONE
X
1
X
NONE
Timing
The AD670 is easily interfaced to a variety of microprocessors
and other digital systems. The following discussion of the timing
requirements of the AD670 control signals will provide the de-
signer with useful insight into the operation of the device.
Write/Convert Start Cycle
Figure 8 shows a complete timing diagram for the write/convert
start cycle. CS (chip select) and CE (chip enable) are active low
and are interchangeable signals. Both CS and CE must be low
for the converter to read or start a conversion. The minimum
pulse width, tW, on either CS or CE is 300 ns to start a
conversion.


Similar Part No. - AD670KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD670KN AD-AD670KN Datasheet
397Kb / 13P
   Low Cost Signal Conditioning 8-Bit ADC
More results

Similar Description - AD670KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD670 AD-AD670_15 Datasheet
366Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670JNZ AD-AD670JNZ Datasheet
370Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670 AD-AD670_17 Datasheet
397Kb / 13P
   Low Cost Signal Conditioning 8-Bit ADC
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
   Signal Conditioning ADC
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
   Signal Conditioning ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com