Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXDC2UR Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # LXDC2UR
Description  Micro DCDC converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LXDC2UR Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button LXDC2UR Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LXDC2UR Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LXDC2UR Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LXDC2UR Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LXDC2UR Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LXDC2UR Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LXDC2UR Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LXDC2UR Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LXDC2UR Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LXDC2UR series
Micro DCDC converter
10
June 2012
0
10
20
30
40
50
60
0
100
200
300
400
500
600
Iout [mA]
0
10
20
30
40
50
60
0
100
200
300
400
500
600
Iout [mA]
0
10
20
30
40
50
60
0
100
200
300
400
500
600
Iout [mA]
0
10
20
30
40
50
60
0
100
200
300
400
500
600
Iout [mA]
0
10
20
30
40
50
60
0
100
200
300
400
500
600
Iout [mA]
Typical Measurement Data (reference purpose only)
(Ta=25℃)
Output Ripple-Noise
Vin=3.6V, Vout=1.2V , BW : 150MHz
Vin=3.6V, Vout=1.5V, BW : 150MHz
Vin=3.6V, Vout=1.8V, BW : 150MHz
Vin=3.6V, Vout=3.0V, BW : 150MHz
Vin=5.0V, Vout=3.3V, BW : 150MHz
Note:
1. This datasheet's specifications are subject to change or our products in it may be discontinued without advance notice. Please check with
our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - LXDC2UR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXDC2UR12A-118 MURATA-LXDC2UR12A-118 Datasheet
715Kb / 2P
   Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology
LXDC2UR15A-119 MURATA-LXDC2UR15A-119 Datasheet
715Kb / 2P
   Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology
LXDC2UR18A-120 MURATA-LXDC2UR18A-120 Datasheet
715Kb / 2P
   Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology
LXDC2UR30A-143 MURATA-LXDC2UR30A-143 Datasheet
715Kb / 2P
   Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology
LXDC2UR33A-122 MURATA-LXDC2UR33A-122 Datasheet
715Kb / 2P
   Low EMI noise and small footprint due to Murata?셲 inductor-embedded ferrite substrate technology
More results

Similar Description - LXDC2UR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXDC3EP MURATA-LXDC3EP Datasheet
345Kb / 9P
   Micro DCDC converter
logo
Infineon Technologies A...
IR3846 INFINEON-IR3846 Datasheet
2Mb / 55P
   DCDC Converter
Rev 3.5 Feb 05, 2016
logo
Murata Manufacturing Co...
MGK1R820 MURATA1-MGK1R820 Datasheet
907Kb / 15P
   20A DCDC converter module
Rev A01 Jun-2022
logo
Rohm
BD9489F ROHM-BD9489F Datasheet
1Mb / 39P
   DCDC converter with current mode
logo
Artesyn Technologies
AGH100-48S3V3P-4L ARTESYN-AGH100-48S3V3P-4L Datasheet
505Kb / 2P
   Half Brick Fully Regulated DCDC Converter
ATCR25048D12-03J ARTESYN-ATCR25048D12-03J Datasheet
515Kb / 3P
   250 Watt Half-Brick Isolated DCDC Converter
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
   DCDC Step-down Converter for NiH2 Battery
logo
Mitsumi Electronics, Co...
MM3370 MITSUMI-MM3370 Datasheet
1Mb / 10P
   High Voltage Operation Step-down DCDC Converter
logo
Murata Manufacturing Co...
MYC0409-NA-EVM MURATA1-MYC0409-NA-EVM Datasheet
1Mb / 10P
   Ultra-thin High Efficiency 72W DCDC converter module
2021
logo
Monolithic Power System...
MP6004 MPS-MP6004 Datasheet
1Mb / 23P
   Primary-Side Regulated Flyback/Buck 80V DCDC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com