Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGSC-2404S Datasheet(PDF) 1 Page - Allied Components International

Part # AGSC-2404S
Description  100/1000 Base T Gigabit Single Port LAN Filter Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AGSC-2404S Datasheet(HTML) 1 Page - Allied Components International

  AGSC-2404S Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
12/04/12
SCHEMATICS
ALLIED
AGSC-2404S
DATECODE
All specifications subject to change without notice.
MECHANICAL
100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2404S
LL: 0.5µH Max @ 100KHz, 200mV
DCR: 0.9
Cw/w: 25PF TYP @ 100KHz, 200mV
Max
Operating Temp: 0ºC to +70ºC
Ethernet based LAN, WAN and other netowrking applications
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 200mV
Turns Ratio
chip: cable
(± 5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
1-100MHz
1-30MHz
40MHz
AGSC-2404S
350
1CT:1
-1.0 Max
-18
-14.4
60-80MHz
-12
50MHz
-13.1
Part
Number
AGSC-2404S
100MHz
-10
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms) 60S
-37
1500
30MHz
-43
100MHz
-33
Common Mode Rejection
(dB Min)
100MHz
-35
30MHz
-45
60MHz
Isolation
60MHz
-40
ALLIED
DATECODE
AGSC-2404S


Similar Part No. - AGSC-2404S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AGSC-2401BS ALLIED-AGSC-2401BS Datasheet
299Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2401CS ALLIED-AGSC-2401CS Datasheet
297Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2401PS ALLIED-AGSC-2401PS Datasheet
355Kb / 1P
   10/100/1000 Base T Gigabit Single Port LAN Filter
AGSC-2401S ALLIED-AGSC-2401S Datasheet
304Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2402S ALLIED-AGSC-2402S Datasheet
289Kb / 1P
   100/1000 Base T Gigabit Single Port Transformer
More results

Similar Description - AGSC-2404S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AGSC-2411I ALLIED-AGSC-2411I Datasheet
289Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2401BS ALLIED-AGSC-2401BS Datasheet
299Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2413BS ALLIED-AGSC-2413BS Datasheet
334Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2442I ALLIED-AGSC-2442I Datasheet
683Kb / 1P
   100/1000 Base-T Gigabit Single Port LAN Filter Module
AGSC-2401CS ALLIED-AGSC-2401CS Datasheet
297Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2405S ALLIED-AGSC-2405S Datasheet
310Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2401S ALLIED-AGSC-2401S Datasheet
304Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2403S ALLIED-AGSC-2403S Datasheet
320Kb / 1P
   100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-4811I ALLIED-AGSC-4811I Datasheet
421Kb / 1P
   100/1000 Base T Gigabit Dual Port LAN Filter Module
AGTS-8806S ALLIED-AGTS-8806S Datasheet
559Kb / 1P
   100/1000 BASE T Gigabit Quad Port LAN Filter Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com