Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD645J Datasheet(PDF) 6 Page - Analog Devices

Part # AD645J
Description  Low Noise, Low Drift FET Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD645J Datasheet(HTML) 6 Page - Analog Devices

  AD645J Datasheet HTML 1Page - Analog Devices AD645J Datasheet HTML 2Page - Analog Devices AD645J Datasheet HTML 3Page - Analog Devices AD645J Datasheet HTML 4Page - Analog Devices AD645J Datasheet HTML 5Page - Analog Devices AD645J Datasheet HTML 6Page - Analog Devices AD645J Datasheet HTML 7Page - Analog Devices AD645J Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD645
REV. B
–6–
1.0
SETTLING TIME – µs
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
8
6
4
2
0
2
4
6
8
10
0.1%
0.01%
0.01%
ERROR
0.1%
Figure 25. Output Swing and Error
vs. Settling Time
AD645
RL
2k
C
10pF
L
VS
VS
+
0.1µF
0.1µF
2
VIN
VOUT
4
3
7
6
Figure 28a. Unity-Gain Follower
AD645
RL
2k
C
10pF
L
VS
VS
+
0.1µF
0.1µF
2
4
3
VIN
VOUT
7
6
5k
5k
Figure 29a. Unity-Gain Inverter
100
50
90
80
70
60
40
30
20
10
0
CLOSED-LOOP VOLTAGE GAIN (V/V)
10
100
1k
1
FOR 10V STEP
0.1%
0.01%
Figure 26. Settling Time vs. Closed-
Loop Voltage Gain
Figure 28b. Unity-Gain Follower
Large Signal Pulse Response
Figure 29b. Unity-Gain Inverter
Large Signal Pulse Response
–60
–40
–20
0
20
40
60
80
100
120
140
0
1
2
3
4
TEMPERATURE – C
Figure 27. Supply Current vs.
Temperature
Figure 28c. Unity-Gain Follower
Small Signal Pulse Response
Figure 29c. Unity-Gain Inverter
Small Signal Pulse Response
AD645–Typical Characteristics


Similar Part No. - AD645J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458ARS AD-AD6458ARS Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6459ARS AD-AD6459ARS Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
More results

Similar Description - AD645J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD545A AD-AD545A Datasheet
280Kb / 4P
   Monolithic Precision, Low Drift FET-Input Op Amp
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
AD795 AD-AD795_02 Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_15 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795 Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
AD795 AD-AD795_09 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
   Low Noise, Low Power Op Amp
2009
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
   Low Noise Dual OP AMP
logo
Linear Technology
LT1007X LINER-LT1007X_15 Datasheet
154Kb / 1P
   Low Noise 200C Op Amp
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
   Low Noise Dual OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com