Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6458 Datasheet(PDF) 3 Page - Analog Devices

Part # AD6458
Description  GSM 3 V Receiver IF Subsystem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6458 Datasheet(HTML) 3 Page - Analog Devices

  AD6458 Datasheet HTML 1Page - Analog Devices AD6458 Datasheet HTML 2Page - Analog Devices AD6458 Datasheet HTML 3Page - Analog Devices AD6458 Datasheet HTML 4Page - Analog Devices AD6458 Datasheet HTML 5Page - Analog Devices AD6458 Datasheet HTML 6Page - Analog Devices AD6458 Datasheet HTML 7Page - Analog Devices AD6458 Datasheet HTML 8Page - Analog Devices AD6458 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD6458
–3–
REV. 0
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage VPS1, VPS2 to COM1, COM2 . . . . . +3.6 V
Internal Power Dissipation
2 . . . . . . . . . . . . . . . . . . . . 600 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering (60 sec) . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended rating conditions for extended periods may affect device
reliability.
2Thermal Characteristics: 20-Lead SSOP Package:
θ
JA = 126
°C/W.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD6458ARS –40
°C to +85°C 20-Lead Shrink Small Outline RS-20
PIN FUNCTION DESCRIPTIONS
Pin
Pin
Number
Label
Description
Function
1
FREF
Frequency Reference Input
Demodulation LO Input. May be 3 V CMOS input or >100 mV ac coupled for
lowest stand by current.
2
COM1
Common 1
Ground.
3
PRUP
Power-Up Input
CMOS compatible power up control; 0 = OFF, 3 V = ON.
4
LOIP
Local Oscillator Input
AC coupled LO input. Only 50 mV drive needed, 500 mV max.
5
RFLO
RF “Low” Input
Usually connected to ac ground.
6
RFHI
RF “High” Input
AC coupled, –109 dBV to –29 dBV RF input from 1 k
Ω filter for optimal operation.
7
COM2
Common 2
Ground.
8
GREF
Gain Reference Input
High impedance input, sets gain scaling, typically 1.2 V.
9
MXOP
Mixer Output
Output of the Mixer.
10
NC
Not internally connected. Should be grounded.
11
IFIP
IF Input “Plus”
Differential Input of variable gain amplifier.
12
IFIM
IF Input “Minus”
Differential Input of variable gain amplifier.
13
GAIN
Gain Control Input
0.2 V–2.4 V using 3 V supply. Max gain at 0.2 V.
14
QRXN
Q Output “Negative”
Differential Q Output.
15
QRXP
Q Output “Positive”
Differential Q Output.
16
IRXN
I Output “Negative”
Differential I Output.
17
IRXP
I Output “Positive”
Differential I Output.
18
VPS2
VPOS Supply 2
Supply Voltage.
19
FLTR
PPL Loop Filter
Series RC loop filter, connected to VPS2.
20
VPS1
VPOS Supply 1
Supply Voltage.
PIN CONNECTION
20-Lead SSOP (RS-20)
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD6458
FREF
IRXP
VPS2
FLTR
VPS1
COM1
PRUP
LOIP
QRXN
QRXP
IRXN
RFLO
RFHI
COM2
GREF
MXOP
NC
IFIP
IFIM
GAIN
NC = NO CONNECT
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD6458 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - AD6458

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6459ARS AD-AD6459ARS Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD645A AD-AD645A Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
AD645AH AD-AD645AH Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
More results

Similar Description - AD6458

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com