Electronic Components Datasheet Search |
|
0395430014 Datasheet(PDF) 2 Page - Molex Electronics Ltd. |
|
0395430014 Datasheet(HTML) 2 Page - Molex Electronics Ltd. |
2 / 8 page ESE PCB TERMINAL BLOCK SPECIFICATIONS n Fixed or pluggable product styles allow for maximum design flexibility n Three different wire entry angles on fixed mount terminal blocks allow you to choose the best fit for your application n Two optional styles of imprinting make identifying, testing and wiring easier in the field n Surface Mount Compatible headers available in 5.00 and 5.08mm (.197 and .00") withstand reflow soldering temperatures, eliminating the need for a secondary wave soldering process n Gold plating available on any part offers increased connectivity and durability in low power applications n Captive screws in all terminal blocks mean that screws will not back out of housing or mounting ends Features and Benefits Fulfill your terminal block design requirements with a new and extensive range of ESE PCB terminal blocks from Molex. Choose from a variety of Molex ESE (Eurostyle Extension) PCB terminal blocks. This new product line includes pitch sizes from 3.50 to 5.08mm (.138 to .00”) and is rated at 300V, from 8.0 to 15.0A. Select from fixed (single-piece) or pluggable (two-piece) terminal blocks from circuit sizes through 4. All ESE PCB terminal blocks from Molex are RoHS compliant and UL recognized for use in the U.S. and Canada. These blocks are compatible with Molex Beau® and other industry standard terminal blocks. ESE terminal blocks provide economic benefits and enhance Molex’s existing Eurostyle terminal block offering. For additional specifications on Eurostyle ESE Terminal Blocks, visit our website: www.molex. com/product/ESEtermblocks.html. FEATURES AND SPECIFICATIONS Eurostyle™ ESE PCB Terminal Blocks Pluggable and Fixed Mount FEATURES AND SPECIFICATIONS Reference Information Packaging: Box UL File No.: E4851 Flammability: UL 94 V-0 Electrical Voltage: 300V Insulation Resistance: 500 Megohms min. Withstanding Voltage: 4000V DC Mechanical Operating Temperature: Standard Plugs and Headers -40 to +105°C Surface Mount Compatible Headers -40 to +140°C Physical Housing: Standard Plugs and Headers — Polyamide (Nylon) 6/6 Surface Mount Compatible Header — Polyamide (Nylon) 4/6 Housing Color: Black (Green or other colors optional) Screw: Steel M, M.5, M3 Contact Plating: Tin (Gold optional) Imprinting: Standard – 1,,3 Reverse – 3,,1 Applications n Power Distribution n Factory and Process Automation n HVAC n Security Systems n Elevators n Irrigation Systems n Measurement and Control Systems |
Similar Part No. - 0395430014 |
|
Similar Description - 0395430014 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |