Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB-15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB-15
Description  MicroAmp MB-15 Circuit Board
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB-15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The MicroAmp MB-15 circuit board is designed for rapid prototyping of active frequency multipliers using Hittite Microwave devices
in LP4E packages with RF inputs on pin 3, RF outputs on pin 16, and bias connections on pins 19-23. Multiplier MMICs are available in
various multiplication factors with output frequencies throughout the X and Ku-band range. This board will fit the MicroAmp MH
series of connectorized housings that allow it to be used as a stand-alone multiplier or cascaded with other MicroAmp boards for
added versatility. Boards are fabricated from a high-performance 13 mil thick RO-4350 laminate with RoHS compatible ENIG plating
(electroless nickel/immersion gold) on both the component side and the solid bottom ground plane. The board measures 0.490" x
0.590" and mounts into the housing with four or eight #1-72 screws for optimal high frequency grounding. Multiplier circuits can be
easily assembled with standard surface-mount passive components. The MB-15 includes provisions for DC bias bypassing. Pads for
the input/output RF connectors allow the SMA center pins to be easily soldered to the board after it is installed into the housing, as
well as a large pad to connect the bias voltage to a feed-through. Check the specific data sheet for the multiplier being used. Many of
the pins are unused and need not be soldered to the ground plane.
ASSEMBLY
MULTIPLIER SCHEMATIC
For additional product information, please visit www.twinind.com
Contact information: 925-866-8946 (phone) 925-866-8937 (fax) Sales@twinind.com
MicroAmp MB-15 Circuit Board
For Hittite Multipliers in LP4E Packages
REF
SIZE
FUNCTION
C1
0402
Bias bypass (not labeled)
C2
0402
Bias bypass (not labeled)
C3
0402
Bias bypass (not labeled)
C4
0402
Bias bypass (not labeled)
C4
0603
Bias bypass (not labeled)
U1
LP4E
Multiplier
J1
RF input (pin 3)
J2
RF output (pin 16)
J3
+ Bias (pins 19-23)
• Fits Hittite Microwave frequency
multipliers with LP4E packages
• Usable with HMC368, 370, 443-445,
575, 695 multipliers
• Output frequencies in X and Ku band
• Uses standard SMD passive parts
• RO-4350 board material
• Fits MicroAmp MH-series housings
FEATURES


Similar Part No. - MB-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-1 ETC2-MB-1 Datasheet
1Mb / 1P
   Fits SOT-89 amplifier packages
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
   MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
   MicroAmp MB-11 Circuit Board
MB-12 ETC2-MB-12 Datasheet
1Mb / 1P
   MicroAmp MB-12 Circuit Board
logo
Bud Industries, Inc.
MB-1266 BUD-MB-1266 Datasheet
34Kb / 1P
   TRIANGULAR MOUNTING BRACKET
More results

Similar Description - MB-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
   MicroAmp MB-11 Circuit Board
MB-13 ETC2-MB-13 Datasheet
1Mb / 1P
   MicroAmp MB-13 Circuit Board
MB-6 ETC2-MB-6 Datasheet
1Mb / 1P
   MicroAmp MB-6 Circuit Board
MB-12 ETC2-MB-12 Datasheet
1Mb / 1P
   MicroAmp MB-12 Circuit Board
MB-9 ETC2-MB-9 Datasheet
1Mb / 1P
   MicroAmp MB-9 Circuit Board
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
   MicroAmp MB-10 Circuit Board
MB-5 ETC2-MB-5 Datasheet
1Mb / 1P
   MicroAmp MB-5 Circuit Board
MB-7 ETC2-MB-7 Datasheet
1Mb / 1P
   MicroAmp MB-7 Circuit Board
MB-8 ETC2-MB-8 Datasheet
1Mb / 1P
   MicroAmp MB-8 Circuit Board
MB-14 ETC2-MB-14 Datasheet
1Mb / 1P
   MicroAmp MB-14 Circuit Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com