Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395381020 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0395381020
Description  Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0395381020 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0395381020 Datasheet HTML 1Page - Molex Electronics Ltd. 0395381020 Datasheet HTML 2Page - Molex Electronics Ltd. 0395381020 Datasheet HTML 3Page - Molex Electronics Ltd. 0395381020 Datasheet HTML 4Page - Molex Electronics Ltd. 0395381020 Datasheet HTML 5Page - Molex Electronics Ltd. 0395381020 Datasheet HTML 6Page - Molex Electronics Ltd. 0395381020 Datasheet HTML 7Page - Molex Electronics Ltd. 0395381020 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3.50mm (.138") Pitch
ESE Pluggable Terminal Blocks
4
Pitch
Description
Current
Wire Range
Circuits
Order No.
ESE
Beau®
PCB Headers
3.50mm (.138")
Vertical
8.0A
N/A
 to 0
39501-10XX
39353-00XX
Vertical with Threaded
Retention Inserts
39505-10XX
39354-00XX
Horizontal
3950-10XX
39355-00XX
Horizontal with Threaded
Retention Inserts
39506-10XX
39356-00XX
Plugs
3.50mm (.138")
Vertical, Rear Wire Entry
8.0A
16 to 4 AWG
 to 0
39503-0XX
N/A
Vertical with Retention Screws,
Rear Wire Entry
39507-0XX
Vertical, Front Wire Entry
39503-30XX
Vertical with Retention Screws,
Front Wire Entry
39507-30XX
Horizontal
39500-00XX
39351-00XX
Horizontal with
Retention Screws
16 to 30 AWG
39504-00XX
3935-00XX
Replace XX with circuit sizes 0 to 0.


Similar Part No. - 0395381020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395381004 MOLEX5-0395381004 Datasheet
167Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Dual Level PCB Header, Closed Ends, 4 Circuits
0395381006 MOLEX5-0395381006 Datasheet
167Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Dual Level PCB Header, Closed Ends, 6 Circuits
0395381008 MOLEX5-0395381008 Datasheet
167Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Dual Level PCB Header, Closed Ends, 8 Circuits
0395381010 MOLEX5-0395381010 Datasheet
167Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Dual Level PCB Header, Closed Ends, 10 Circuits
0395381012 MOLEX5-0395381012 Datasheet
167Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Dual Level PCB Header, Closed Ends, 12 Circuits
More results

Similar Description - 0395381020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395430020 MOLEX11-0395430020 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430220 MOLEX11-0395430220 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433014 MOLEX11-0395433014 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433109 MOLEX11-0395433109 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434313 MOLEX11-0395434313 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434318 MOLEX11-0395434318 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433024 MOLEX11-0395433024 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433111 MOLEX11-0395433111 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433116 MOLEX11-0395433116 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433120 MOLEX11-0395433120 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434323 MOLEX11-0395434323 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com