Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395360014 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 0395360014
Description  Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0395360014 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  0395360014 Datasheet HTML 1Page - Molex Electronics Ltd. 0395360014 Datasheet HTML 2Page - Molex Electronics Ltd. 0395360014 Datasheet HTML 3Page - Molex Electronics Ltd. 0395360014 Datasheet HTML 4Page - Molex Electronics Ltd. 0395360014 Datasheet HTML 5Page - Molex Electronics Ltd. 0395360014 Datasheet HTML 6Page - Molex Electronics Ltd. 0395360014 Datasheet HTML 7Page - Molex Electronics Ltd. 0395360014 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Pitch
Description
Current
Wire Range
Circuits
Order No.
ESE
Beau™
PCB Headers
5.00mm (.197")
Dual Level, Horizontal,
Closed Ends
15.0A
N/A
4 to 48
3958-10XX
N/A
Dual Level, Vertical, Open
Ends
3958-0XX
Dual Level, Vertical, Closed
Ends
3958-30XX
5.08mm (.00")
Dual Level, Horizontal,
Closed Ends
15.0A
N/A
4 to 48
39538-10XX
39860-09XX
Dual Level, Vertical, Open
Ends
39538-0XX
N/A
Dual Level, Vertical, Closed
Ends
39538-30XX
Americas Headquarters
Lisle, Illinois 6053 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-65-34
feninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6-68-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-41309-0
eurinfo@molex.com
Corporate Headquarters
 Wellington Ct.
Lisle, IL 6053 U.S.A.
630-969-4550
Fax:630-969-135
Visit our website at www.molex.com/product/ESEtermblocks.html
Order No. USA-355 Rev 1
Printed in USA/5K/JI/JI/006.11
©006, Molex
5.00 and 5.08mm
(.197 and .200") Pitch
ESE Pluggable Terminal Blocks
Replace XX with circuit sizes 04 to 48.


Similar Part No. - 0395360014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395360010 MOLEX5-0395360010 Datasheet
208Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 10 Circuits
0395360012 MOLEX5-0395360012 Datasheet
208Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 12 Circuits
More results

Similar Description - 0395360014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395430020 MOLEX11-0395430020 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430220 MOLEX11-0395430220 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433014 MOLEX11-0395433014 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433109 MOLEX11-0395433109 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434313 MOLEX11-0395434313 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434318 MOLEX11-0395434318 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433024 MOLEX11-0395433024 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433111 MOLEX11-0395433111 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433116 MOLEX11-0395433116 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433120 MOLEX11-0395433120 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434323 MOLEX11-0395434323 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com