Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD626A Datasheet(PDF) 7 Page - Analog Devices

Part # AD626A
Description  Low Cost, Single Supply Differential Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626A Datasheet(HTML) 7 Page - Analog Devices

Back Button AD626A Datasheet HTML 3Page - Analog Devices AD626A Datasheet HTML 4Page - Analog Devices AD626A Datasheet HTML 5Page - Analog Devices AD626A Datasheet HTML 6Page - Analog Devices AD626A Datasheet HTML 7Page - Analog Devices AD626A Datasheet HTML 8Page - Analog Devices AD626A Datasheet HTML 9Page - Analog Devices AD626A Datasheet HTML 10Page - Analog Devices AD626A Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
0.16
0.12
15
0.15
0.13
2
0.14
3
4
SUPPLY VOLTAGE – Volts
G = 10
Figure 13. Quiescent Supply Current vs. Supply Voltage
for Single Supply Operation
2.0
0
1
5
1.5
0.5
2
1.0
3
4
SUPPLY VOLTAGE – Volts
Figure 14. Quiescent Supply Current vs. Supply Voltage
for Dual Supply Operation
10
1.0
0.01
1
10
100k
10k
1k
100
0.1
FREQUENCY – Hz
GAIN = 10, 100
VS = 5V DUAL SUPPLY
Figure 15. Noise Voltage Spectral Density vs. Frequency
AD626
5 SECONDS PER HORIZONTAL DIVISION
Figure 16. 0.1 Hz to 10 Hz RTI Voltage Noise. VS = ±5 V,
Gain = 100
100
80
0
110
1M
100k
10k
1k
100
60
40
20
VALUE OF RESISTOR RG
FOR VS = 5V AND +5V
Figure 17. Closed-Loop Gain vs. RG
20
1M
60
40
1
0.1
100
80
120
140
100k
10k
1k
100
10
FREQUENCY – Hz
ALL CURVES FOR
GAINS OF 10 OR 100
SINGLE & DUAL
–PSRR
SINGLE & DUAL
–PSRR
DUAL
+PSRR
DUAL
+PSRR
SINGLE
+PSRR
Figure 18. Power Supply Rejection vs. Frequency
REV. C
–7–


Similar Part No. - AD626A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD626AN AD-AD626AN Datasheet
338Kb / 12P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626AN AD-AD626AN Datasheet
499Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626ANZ AD-AD626ANZ Datasheet
499Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626AR AD-AD626AR Datasheet
338Kb / 12P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626AR AD-AD626AR Datasheet
499Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
More results

Similar Description - AD626A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD626 AD-AD626_15 Datasheet
554Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626 AD-AD626_03 Datasheet
338Kb / 12P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD626ANZ AD-AD626ANZ Datasheet
499Kb / 13P
   Low Cost, Single-Supply Differential Amplifi er
REV. D
AD8223 AD-AD8223_16 Datasheet
414Kb / 21P
   Single-Supply, Low Cost Instrumentation Amplifier
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com