Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBMY104SENMBA197FO Datasheet(PDF) 10 Page - ITT Industries

Part # DBMY104SENMBA197FO
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMY104SENMBA197FO Datasheet(HTML) 10 Page - ITT Industries

Back Button DBMY104SENMBA197FO Datasheet HTML 6Page - ITT Industries DBMY104SENMBA197FO Datasheet HTML 7Page - ITT Industries DBMY104SENMBA197FO Datasheet HTML 8Page - ITT Industries DBMY104SENMBA197FO Datasheet HTML 9Page - ITT Industries DBMY104SENMBA197FO Datasheet HTML 10Page - ITT Industries DBMY104SENMBA197FO Datasheet HTML 11Page - ITT Industries DBMY104SENMBA197FO Datasheet HTML 12Page - ITT Industries DBMY104SENMBA197FO Datasheet HTML 13Page - ITT Industries DBMY104SENMBA197FO Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Cannon Solder Cup, Size 20
Military/Hi-Reliability
Solder Cup
C-10
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
Dimensions
Receptacle
For contact cavity arrangements, see pages C-44.
For panel cutouts, see page C-49.
Accepts up to 18 AWG.
Shell Size
Layout
Through Hole
Dual Float Mount
DE
9
DEM9S
DEMY9S
DA
15
DAM15S
DAMY15S
DB
25
DBM25S
DBMY25S
DC
37
DCM37S
DCMY37S
DD
50
DDM50S
DDMY50S
Shell
A
B
C
D
E
F
W
K
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,368 (.0145) ± 0,317 (.0125) ± 0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (8,36)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
n
o
it
a
r
u
g
if
n
o
C
D
D
e
c
a
F
g
n
i
g
a
g
n
E
A
C
B
E
D
10°
Ø 3,05
(.120)
5,69
(.224)
2,84
(.112)
L
K
2,84
(.112)
F
W
9,91 (.390)
MAX
Sizes E, A, B, C
Size D
Note: For residual magnetism level of 200 Gamma and shells and contacts with
50 micro inches (1,27m) gold plating, add NMBK52. Example DEM9PNMBK52
and shells with 50 microinches gold for 50 microinch (1.27mm) gold contacts
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 10


Similar Part No. - DBMY104SENMBA197FO

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMY13W3SNM ITT-DBMY13W3SNM Datasheet
9Mb / 301P
   D Subminiature Connectors
DBMY17W2SNM ITT-DBMY17W2SNM Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DBMY104SENMBA197FO

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
DC-8075 BUD-DC-8075 Datasheet
101Kb / 1P
   MISSION CRITICAL CABINET
logo
Fujitsu Component Limit...
2400E3 FUJITSU-2400E3 Datasheet
467Kb / 9P
   Fujitsu Server PRIMEQUEST 2400E3 Mission Critical
2800E3 FUJITSU-2800E3 Datasheet
579Kb / 9P
   Fujitsu Server PRIMEQUEST 2800E3 Mission Critical
logo
Lanner All Rights Reser...
PGN-750 LANNER-PGN-750 Datasheet
341Kb / 1P
   Swappable 5G Radio Modem for Mission-Critical Communications
v4-2022,12,16
logo
AVX Corporation
1002857 AVX-1002857 Datasheet
428Kb / 3P
   EtherHelix™™ Mission Critical GPS Antenna
9/19/2019
logo
STMicroelectronics
AN4274 STMICROELECTRONICS-AN4274 Datasheet
409Kb / 13P
   The serial communication driver between
logo
Dialight Corporation
598-8170-102F DIALIGHT-598-8170-102F Datasheet
1Mb / 16P
   40 Years of LED Experience
logo
Tripp Lite. All Rights ...
SU10K TRIPPLITE-SU10K Datasheet
151Kb / 4P
   SmartOnline UPS System - True online power for mission critical applications
logo
STMicroelectronics
AN4178 STMICROELECTRONICS-AN4178 Datasheet
109Kb / 13P
   LIN communication with two STM8AF boards of STM8A-DISCOVERY
AN969 STMICROELECTRONICS-AN969 Datasheet
64Kb / 10P
   SCI COMMUNICATION BETWEEN ST7 AND PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com