Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395324016 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0395324016
Description  Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0395324016 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0395324016 Datasheet HTML 1Page - Molex Electronics Ltd. 0395324016 Datasheet HTML 2Page - Molex Electronics Ltd. 0395324016 Datasheet HTML 3Page - Molex Electronics Ltd. 0395324016 Datasheet HTML 4Page - Molex Electronics Ltd. 0395324016 Datasheet HTML 5Page - Molex Electronics Ltd. 0395324016 Datasheet HTML 6Page - Molex Electronics Ltd. 0395324016 Datasheet HTML 7Page - Molex Electronics Ltd. 0395324016 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

ESE PCB TERMINAL BLOCK SPECIFICATIONS
n
Fixed or pluggable product styles allow for
maximum design flexibility
n
Three different wire entry angles on fixed mount
terminal blocks allow you to choose the best fit for
your application
n
Two optional styles of imprinting make identifying,
testing and wiring easier in the field
n
Surface Mount Compatible headers available in 5.00
and 5.08mm (.197 and .00") withstand reflow
soldering temperatures, eliminating the need for a
secondary wave soldering process
n
Gold plating available on any part offers increased
connectivity and durability in low power applications
n
Captive screws in all terminal blocks mean that
screws will not back out of housing or mounting ends
Features and Benefits
Fulfill your terminal block design requirements with a new and extensive range of ESE PCB
terminal blocks from Molex.
Choose from a variety of Molex ESE (Eurostyle
Extension) PCB terminal blocks. This new product line
includes pitch sizes from 3.50 to 5.08mm (.138 to
.00”) and is rated at 300V, from 8.0 to 15.0A. Select
from fixed (single-piece) or pluggable (two-piece)
terminal blocks from circuit sizes  through 4.
All ESE PCB terminal blocks from Molex are RoHS
compliant and UL recognized for use in the U.S. and
Canada. These blocks are compatible with Molex Beau®
and other industry standard terminal blocks.
ESE terminal blocks provide economic benefits and
enhance Molex’s existing Eurostyle terminal block
offering. For additional specifications on Eurostyle
ESE Terminal Blocks, visit our website: www.molex.
com/product/ESEtermblocks.html.
FEATURES AND SPECIFICATIONS
Eurostyle™ ESE PCB
Terminal Blocks
Pluggable and Fixed Mount
FEATURES AND SPECIFICATIONS
Reference Information
Packaging: Box
UL File No.: E4851
Flammability: UL 94 V-0
Electrical
Voltage: 300V
Insulation Resistance: 500 Megohms min.
Withstanding Voltage: 4000V DC
Mechanical
Operating Temperature:
Standard Plugs and Headers
-40 to +105°C
Surface Mount Compatible Headers
-40 to +140°C
Physical
Housing:
Standard Plugs and Headers — Polyamide
(Nylon) 6/6
Surface Mount Compatible Header — Polyamide
(Nylon) 4/6
Housing Color: Black (Green or other colors optional)
Screw: Steel M, M.5, M3
Contact Plating: Tin (Gold optional)
Imprinting:
Standard – 1,,3
Reverse – 3,,1
Applications
n
Power Distribution
n
Factory and Process Automation
n
HVAC
n
Security Systems
n
Elevators
n
Irrigation Systems
n
Measurement and Control Systems


Similar Part No. - 0395324016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395324010 MOLEX5-0395324010 Datasheet
170Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Horizontal PCB Header, Surface Mount Compatible, 10 Circuits
0395324012 MOLEX5-0395324012 Datasheet
170Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Horizontal PCB Header, Surface Mount Compatible, 12 Circuits
More results

Similar Description - 0395324016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395430020 MOLEX11-0395430020 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430220 MOLEX11-0395430220 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433014 MOLEX11-0395433014 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433109 MOLEX11-0395433109 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434313 MOLEX11-0395434313 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434318 MOLEX11-0395434318 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433024 MOLEX11-0395433024 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433111 MOLEX11-0395433111 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433116 MOLEX11-0395433116 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395433120 MOLEX11-0395433120 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395434323 MOLEX11-0395434323 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com