Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

031-80108 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # 031-80108
Description  High Performance 75 廓 BNC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

031-80108 Datasheet(HTML) 4 Page - Amphenol Corporation

  031-80108 Datasheet HTML 1Page - Amphenol Corporation 031-80108 Datasheet HTML 2Page - Amphenol Corporation 031-80108 Datasheet HTML 3Page - Amphenol Corporation 031-80108 Datasheet HTML 4Page - Amphenol Corporation 031-80108 Datasheet HTML 5Page - Amphenol Corporation 031-80108 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
172
Amphenol® RF:
800-627-7100
High Performance 75Ω Cable Connectors
Straight Crimp-Crimp Plugs
Plating
Cable Group Part Number
Body
Contact
Type
Grade
B1
031-80101
Nickel
Gold
1
Performance
B2
031-80107
Nickel
Gold
1
Performance
B
031-80106
Nickel
Gold
1
Performance
E
031-80103
Nickel
Gold
1
Performance
E2
031-80108
Nickel
Gold
1
Performance
H1
031-80109
Nickel
Gold
1
Performance
I
031-80104
Nickel
Gold
1
Performance
I2
031-80105
Nickel
Gold
1
Performance
K3
031-80102
Nickel
Gold
1
Performance
Angle Crimp-Crimp Plugs
Plating
Cable Group Part Number
Body
Contact
Type
Grade
B1
031-80901
Nickel
Gold
1
Performance
I
031-80904
Nickel
Gold
1
Performance
I2
031-80905
Nickel
Gold
1
Performance
45° Crimp-Crimp Plugs
Plating
Cable Group Part Number
Body
Contact
Type
Grade
B1
031-80401
Nickel
Gold
1
Performance
I
031-80404
Nickel
Gold
1
Performance
I2
031-80405
Nickel
Gold
1
Performance
High Performance 75 Ω BNC
High Performance 75 Ω


Similar Part No. - 031-80108

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-8519-010 ITT-031-8519-010 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
031-8520-000 ITT-031-8520-000 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
031-8521-010 ITT-031-8521-010 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
031-8521-010 ITT-031-8521-010 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
031-8521-020 ITT-031-8521-020 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 031-80108

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7042 POMONA-7042 Datasheet
264Kb / 2P
   BNC (M) Crimp 75 廓
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
BNC75-P-1.5CQEW-CF DDK-BNC75-P-1.5CQEW-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
logo
Pomona Electronics
6746A POMONA-6746A Datasheet
234Kb / 2P
   BNC (M) Compression Style, 75 廓
6752A POMONA-6752A Datasheet
234Kb / 2P
   BNC (M) Crimp Type, 75 廓
logo
Rosenberger Hochfrequen...
53S171-K00N3 ROSENBERGER-53S171-K00N3 Datasheet
178Kb / 2P
   MATCHING ATTENUATOR N 50廓 PLUG ??BNC 75廓 JACK
logo
Samtec, Inc
SAM9471-ND SAMTEC-SAM9471-ND Datasheet
322Kb / 1P
   75 廓 HD-BNC??TO 12 GH z
logo
Neutrik AG
NADITBNC-MX NEUTRIK-NADITBNC-MX Datasheet
103Kb / 2P
   Female BNC 75 廓 input - male XLR cable end 110 廓 output.
NADITBNC-FX NEUTRIK-NADITBNC-FX Datasheet
102Kb / 2P
   Female XLR cable end 110 廓 input - female BNC 75 廓 output.
NADITBNC-M NEUTRIK-NADITBNC-M Datasheet
223Kb / 2P
   Female BNC 75 廓 input - male XLR chassis connector 110 廓 output.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com