Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMER120-36340AZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMER120-36340AZ
Description  up to 5A | AC-DC / DC-DC | LED Driver / Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER120-36340AZ Datasheet(HTML) 1 Page - AIMTEC

  AMER120-36340AZ Datasheet HTML 1Page - AIMTEC AMER120-36340AZ Datasheet HTML 2Page - AIMTEC AMER120-36340AZ Datasheet HTML 3Page - AIMTEC AMER120-36340AZ Datasheet HTML 4Page - AIMTEC AMER120-36340AZ Datasheet HTML 5Page - AIMTEC AMER120-36340AZ Datasheet HTML 6Page - AIMTEC AMER120-36340AZ Datasheet HTML 7Page - AIMTEC AMER120-36340AZ Datasheet HTML 8Page - AIMTEC AMER120-36340AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Series AMER120-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.S
1 of 10
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range (V)
Output
Current
(A)
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of
Operation
Efficienc
y
(%)
AMER120-50250AZ
125
36-50
0-2.5
90-305/47-440
120-430
Constant Current
91
Constant Voltage
90
AMER120-36340AZ
122.4
24-36
0-3.4
90-305/47-440
120-430
Constant Current
90
Constant Voltage
89
AMER120-24500AZ
120
12-24
0-5
90-305/47-440
120-430
Constant Current
89
Constant Voltage
87
Add Suffix “-F”
No dimming option
Exceeding the maximum output power will permanently damage the converter
The dimming feature is not supported when units are used in Constant Voltage mode only, Aimtec suggests to order “-F” No dimming
option in this case.
In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown.
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
45
A
230VAC
60
Leakage current
115VAC
0.5
mA
230VAC
0.75
AC current
115VAC
1.8
A
230VAC
0.7
Power Factor
115VAC
0.98
240VAC
0.94
External fuse
250V/3A
Start up time
400
ms
Surge voltage
2sec
440
V
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
LL-HL
±1
%
Load regulation
0-100% load
±3
%
Ripple & Noise
20MHz Bandwidth
75
mV p-p
Hold-up time
80
ms
Current adjustment range
100-0
%
Minimum Load Voltage
See the models table
Tested with 0.1µF (M/C) or (C/C) and 47µF (E/C) parallel capacitors at the end.
• AC-DC Constant Current or Constant
Voltage LED Driver
• Over Temperature Protection
• Over Current Protection
• Input range 90-305VAC/47-440Hz
• Waterproof Case rated IP68
• High Efficiency up to 91%
• Power Factor Correction
• Operating temperature -40 to 85°C
• Dimming via analog / 0-10V dimming
• Short Circuit Protection


Similar Part No. - AMER120-36340AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER120-36340AZ AIMTEC-AMER120-36340AZ Datasheet
900Kb / 9P
   up to 5A | AC-DC LED driver
AMER120-36340AZ AIMTEC-AMER120-36340AZ Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
More results

Similar Description - AMER120-36340AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ Datasheet
689Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com