Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMER90-24375AZ Datasheet(PDF) 7 Page - AIMTEC

Part # AMER90-24375AZ
Description  up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER90-24375AZ Datasheet(HTML) 7 Page - AIMTEC

Back Button AMER90-24375AZ Datasheet HTML 2Page - AIMTEC AMER90-24375AZ Datasheet HTML 3Page - AIMTEC AMER90-24375AZ Datasheet HTML 4Page - AIMTEC AMER90-24375AZ Datasheet HTML 5Page - AIMTEC AMER90-24375AZ Datasheet HTML 6Page - AIMTEC AMER90-24375AZ Datasheet HTML 7Page - AIMTEC AMER90-24375AZ Datasheet HTML 8Page - AIMTEC AMER90-24375AZ Datasheet HTML 9Page - AIMTEC AMER90-24375AZ Datasheet HTML 10Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Series AMER90-AZ
up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.S
7 of 10
North America only
PFC Value vs. Output Load Current (CC Load)
(continued)
AMER90-36250AZ
AMER90-24375AZ


Similar Part No. - AMER90-24375AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER90-24375AZ AIMTEC-AMER90-24375AZ Datasheet
925Kb / 9P
   up to 3.75A | AC-DC LED driver
AMER90-24375AZ AIMTEC-AMER90-24375AZ Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
More results

Similar Description - AMER90-24375AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER90-CAZ AIMTEC-AMER90-CAZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER90-CAZ AIMTEC-AMER90-CAZ Datasheet
711Kb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER90-AZ AIMTEC-AMER90-AZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER90-AZ AIMTEC-AMER90-AZ Datasheet
925Kb / 9P
   up to 3.75A | AC-DC LED driver
AMER150-CAZ AIMTEC-AMER150-CAZ_13 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_13 Datasheet
1Mb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_12 Datasheet
756Kb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com