Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMER90-50180CAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMER90-50180CAZ
Description  up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER90-50180CAZ Datasheet(HTML) 1 Page - AIMTEC

  AMER90-50180CAZ Datasheet HTML 1Page - AIMTEC AMER90-50180CAZ Datasheet HTML 2Page - AIMTEC AMER90-50180CAZ Datasheet HTML 3Page - AIMTEC AMER90-50180CAZ Datasheet HTML 4Page - AIMTEC AMER90-50180CAZ Datasheet HTML 5Page - AIMTEC AMER90-50180CAZ Datasheet HTML 6Page - AIMTEC AMER90-50180CAZ Datasheet HTML 7Page - AIMTEC AMER90-50180CAZ Datasheet HTML 8Page - AIMTEC AMER90-50180CAZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Series AMER90-CAZ
up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.D
1 of 10
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range (V) 
Output
Current
(A)
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of Operation
Efficiency
(%)
AMER90-50180CAZ
90
36-50
0-1.8
90-305/47-440
120-430
Constant Current
91
Constant Voltage
89
AMER90-36250CAZ
90
24-36
0-2.5
90-305/47-440
120-430
Constant Current
90
Constant Voltage
88
AMER90-24375CAZ
90
12-24
0-3.75
90-305/47-440
120-430
Constant Current
89
Constant Voltage
88
Add Suffix “-F”
No dimming option
Exceeding the maximum output power will permanently damage the converter
The dimming feature is not supported when units are used in Constant Voltage mode only, Aimtec suggests to order “-F” No dimming
option in this case.
In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown.
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
40
A
230VAC
50
Leakage current
115VAC
0.5
mA
230VAC
0.75
AC current
115VAC
1.4
A
230VAC
0.46
Power Factor
115VAC
0.98
230VAC
0.94
External fuse
250V/2.5A
Start up time
900
ms
Surge voltage
2sec
440
V
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
LL-HL
±1
%
Load regulation
0-100% load
±3
%
Ripple & Noise
20MHz Bandwidth
100
mV p-p
Hold-up time
100
ms
Current adjustment range
100-0
%
Minimum Load Voltage
See the models table
Tested with 0.1µF (C/C) or (M/C) and 47µF (E/C) parallel capacitors at the end.
 Constant current LED Driver or Converter
 Over Temperature Protection
 Input range 90-305VAC/47-440Hz
 Waterproof Case rated IP68
 High Efficiency up to 91%
 Power Factor Correction
 115VAC Operating temperature -50 to 85°C
 230VAC Operating temperature -55 to 85°C
 Dimmable via analog / 0-10V dimming
 Short Circuit Protection
 Over Current Protection


Similar Part No. - AMER90-50180CAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER90-50180CAZ AIMTEC-AMER90-50180CAZ Datasheet
562Kb / 10P
   Constant current LED Driver or Converter
More results

Similar Description - AMER90-50180CAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER90-CAZ AIMTEC-AMER90-CAZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER90-AZ AIMTEC-AMER90-AZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER90-AZ AIMTEC-AMER90-AZ_12 Datasheet
667Kb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER90-AZ AIMTEC-AMER90-AZ Datasheet
925Kb / 9P
   up to 3.75A | AC-DC LED driver
AMER150-CAZ AIMTEC-AMER150-CAZ_13 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_13 Datasheet
1Mb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_12 Datasheet
756Kb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com