Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEPR30D-24125AZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEPR30D-24125AZ
Description  up to 2A | AC-DC / DC-DC LED driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30D-24125AZ Datasheet(HTML) 3 Page - AIMTEC

  AMEPR30D-24125AZ Datasheet HTML 1Page - AIMTEC AMEPR30D-24125AZ Datasheet HTML 2Page - AIMTEC AMEPR30D-24125AZ Datasheet HTML 3Page - AIMTEC AMEPR30D-24125AZ Datasheet HTML 4Page - AIMTEC AMEPR30D-24125AZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AMEPR30D-AZ
up to 2A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.G
3 of 5
North America only
Dimensions
Temperature Graph
- 20
0
20
40
60
80
100
100
80
60
40
20
0
55 º C
Safe Operating Area
- 25
Free Air Convection
Ambient Temperature º C


Similar Part No. - AMEPR30D-24125AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30D-24125AZ AIMTEC-AMEPR30D-24125AZ Datasheet
404Kb / 5P
   AC-DC Constant current LED Driver
AMEPR30D-24125AZ-110 AIMTEC-AMEPR30D-24125AZ-110 Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMEPR30D-24125AZ-220 AIMTEC-AMEPR30D-24125AZ-220 Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMEPR30D-24125AZ-U AIMTEC-AMEPR30D-24125AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
More results

Similar Description - AMEPR30D-24125AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_13 Datasheet
510Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com