Part Name
         Description
MJ2500

 10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS ( 4 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 2 page
background image
MJ2500 MJ2501 MJ3000 MJ3001
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector Emitter Breakdown Voltage(1)
MJ2500, MJ3000
(IC = 100 mAdc, IB = 0)
MJ2501, MJ3001
V(BR)CEO
60
80
Vdc
Collector–Emitter Leakage Current
(VEB = 60 Vdc, RBE = 1.0 k ohm)
MJ2500, MJ3000
(VEB = 80 Vdc, RBE = 1.0 k ohm)
MJ2501, MJ3001
(VEB = 60 Vdc, RBE = 1.0 k ohm, TC = 150_C)
MJ2500, MJ3000
(VEB = 80 Vdc, RBE = 1.0 k ohm, TC = 150_C)
MJ2501, MJ3001
ICER
1.0
1.0
5.0
5.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
2.0
mAdc
Collector Emitter Leakage Current (VCE = 30 Vdc, IB = 0)
MJ2500, MJ3000
(VCE = 40 Vdc, IB = 0)
MJ2501, MJ3001
ICEO
1.0
1.0
mAdc
ON CHARACTERISTICS(1)
DC Current Gain (IC = 5.0 Adc, VCE = 3.0 Vdc)
hFE
1000
Collector–Emitter Saturation Voltage (IC = 5.0 Adc, IB = 20 mAdc)
(IC = 10 Adc, IB = 50 mAdc)
VCE(sat)
2.0
4.0
Vdc
Base Emitter Voltage (IC = 5.0 Adc, VCE = 3.0 Vdc)
VBE(on)
3.0
Vdc
(1)Pulse Test: Pulse Width v 300 µs, Duty Cycle v 2.0%.
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.01 0.02
0.05
0.1
0.2
0.5
1.0
2.0
10
TJ = 150°C
25
°C
– 55
°C
VCE = 3.0 Vdc
500
200
100
50,000
5000
20,000
2000
1000
10,000
5.0
Figure 3. Small–Signal Current Gain
f, FREQUENCY (Hz)
500
300
100
3000
200
2000
1000
30
50
TC = 25°C
VCE = 3.0 Vdc
IC = 5.0 Adc
104
103
105
106
50
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
Figure 4. “On” Voltages
VCE(sat) @ IC/IB = 250
TJ = 25°C
VBE @ VCE = 3.0 V
0.01
0.2
0.5
0.05
1.0
2.0
10
5.0
3.5
2.5
2.0
1.5
1.0
0
SECONDARY BREAKDOWN LIMITED
THERMALLY LIMITED @ TC = 25°C
BONDING WIRE LIMITED
10
1.0
Figure 5. DC Safe Operating Area
7.0
2.0
10
20
100
TJ = 200°C
0.2
3.0
0.5
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
30
70
1.0
0.1
2.0
50
3.0
5.0 7.0
MJ2500, MJ3000
MJ2501, MJ3001
0.5
3.0
0.1
0.02
0.7
0.3
There are two limitations on the power handling ability of a
transistor: junction temperature and secondary breakdown.
Safe operating area curves indicate IC – VCE limits of the
transistor that must be observed for reliable operation; e.g.,
the transistor must not be subjected to greater dissipation
than the curves indicate.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by secondary breakdown.



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MJH1101715 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150 200 250 VOLTS 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
2N371510 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJH6282DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 100 VOLTS 160 WATTS 1 2 3 4 5 MoreMotorola, Inc
BDX53BDARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS 1 2 3 4 5 MoreON Semiconductor
MJ1000710 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1101230 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS 1 2 3 4 Motorola, Inc
MJ1101730 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1102850 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS 1 2 3 4 Motorola, Inc
MJW211928.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJE1713 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS 1 2 3 4 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl