Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM30K-4805DH30IZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM30K-4805DH30IZ
Description  30 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-4805DH30IZ Datasheet(HTML) 4 Page - AIMTEC

  AM30K-4805DH30IZ Datasheet HTML 1Page - AIMTEC AM30K-4805DH30IZ Datasheet HTML 2Page - AIMTEC AM30K-4805DH30IZ Datasheet HTML 3Page - AIMTEC AM30K-4805DH30IZ Datasheet HTML 4Page - AIMTEC AM30K-4805DH30IZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AM30K-IZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.D
4 of 5
North America only
Derating
1500VDC Isolation
Trimming
3000VDC Isolation
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
A
B
C
D
B
100 LFM
A
Free Air
70ºC
75 ºC
C
200 LFM
80ºC
D
400 LFM
85 ºC
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
Free Air Convection
40ºC


Similar Part No. - AM30K-4805DH30IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-4805DH30IZ AIMTEC-AM30K-4805DH30IZ Datasheet
328Kb / 5P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30K-4805DH30IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com