Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEL5-3.3SMAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEL5-3.3SMAZ
Description  5 Watt | AC-DC / DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL5-3.3SMAZ Datasheet(HTML) 3 Page - AIMTEC

  AMEL5-3.3SMAZ Datasheet HTML 1Page - AIMTEC AMEL5-3.3SMAZ Datasheet HTML 2Page - AIMTEC AMEL5-3.3SMAZ Datasheet HTML 3Page - AIMTEC AMEL5-3.3SMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AMEL5-MAZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.I
3 of 4
North America only
Safety Specifications
Parameters
Agency approvals
cULus, CE, CB
Standards
Medical Electrical Equipment
IEC\EN\UL 60601-1, CSA-C22.2 No. 601.1-M90
Information technology Equipment
EN 60950-1:2006+A11:2009
EMI - Conducted and radiated emission
EN55011, class B
Harmonic Current Emissions
IEC/EN 61000-3-2, (EN60555-2)
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2
RF, Electromagnetic Field Immunity
IEC 61000-4-3
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4
Surge Immunity
IEC 61000-4-5
RF, Conducted Disturbance Immunity
IEC 61000-4-6
Power frequency Magnetic Field Immunity
IEC 61000-4-8
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11
Pin Out Specifications
Dimensions
Pin
Single
Dual
1
AC Input (N)
AC Input (N)
2
AC Input (L)
AC Input (L)
3
+V Output
+V Output
4
-V Output
Common
5
No pin
-V Output
DIV: 0.2 (5.08)
5 Ø- 0.047 (Ø 1.2)
TOP VIEW
1
2
3
4
5
Dimensions: inch (mm)
Case Tolerance:± 0.012 (0.30)
Pin Pitch Tolerance: ± 0.012 (0.30)
1.10
(28.00)
0.40
(10.16)
0.40
(10.16)
2.03
(51.50)
1.80
(45.72)
0.80
(20.32)
0.11
(2.89)
TOP VIEW
1
2
3
4
5
17.80
(0.70)
0.2
(5.08)
(Min)
Ø 0.04
(1.00)


Similar Part No. - AMEL5-3.3SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-3.3SMAZ AIMTEC-AMEL5-3.3SMAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-3.3SMAZ AIMTEC-AMEL5-3.3SMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-3.3SMAZ AIMTEC-AMEL5-3.3SMAZ Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL5-3.3SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_13 Datasheet
379Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_13 Datasheet
678Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com