Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD590KH Datasheet(PDF) 5 Page - Analog Devices

Part # AD590KH
Description  Two-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590KH Datasheet(HTML) 5 Page - Analog Devices

  AD590KH Datasheet HTML 1Page - Analog Devices AD590KH Datasheet HTML 2Page - Analog Devices AD590KH Datasheet HTML 3Page - Analog Devices AD590KH Datasheet HTML 4Page - Analog Devices AD590KH Datasheet HTML 5Page - Analog Devices AD590KH Datasheet HTML 6Page - Analog Devices AD590KH Datasheet HTML 7Page - Analog Devices AD590KH Datasheet HTML 8Page - Analog Devices AD590KH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD590
Rev. C | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Forward Voltage ( E+ or E–)
44 V
Reverse Voltage (E+ to E–)
−20 V
Breakdown Voltage (Case E+ or E–)
±200 V
Rated Performance Temperature Range1
−55°C to +150°C
Storage Temperature Range1
−65°C to +155°C
Lead Temperature (Soldering, 10 sec)
300°C
1The AD590 has been used at –100°C and +200°C for short periods of
measurement with no physical damage to the device. However, the absolute
errors specified apply to only the rated performance temperature range.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD590KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590KH AD-AD590KH Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590KH AD-AD590KH Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590KH AD-AD590KH Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KH AD-AD590KH Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KH AD-AD590KH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

Similar Description - AD590KH

ManufacturerPart #DatasheetDescription
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com