Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM40U-IZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM40U-IZ
Description  40Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40U-IZ Datasheet(HTML) 1 Page - AIMTEC

  AM40U-IZ Datasheet HTML 1Page - AIMTEC AM40U-IZ Datasheet HTML 2Page - AIMTEC AM40U-IZ Datasheet HTML 3Page - AIMTEC AM40U-IZ Datasheet HTML 4Page - AIMTEC AM40U-IZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM40U-IZ
40Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
1 of 5
North America only
Picture coming soon
FEATURES:
Wide Input 2:1 Range
Adjustable Output Voltage
1500 & 3000 VDC Isolation
Remote ON/OFF Function
Efficiency up to 87%
Over Load, Voltage & Short Circuit Protection
Regulated Output
Operating temperature -40oC to + 75oC
Soft Start
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM40U-1203SIZ
9-18
3.3
7
1500
85
AM40U-1205SIZ
9-18
5
7
1500
85
AM40U-1212SIZ
9-18
12
3
1500
85
AM40U-1215SIZ
9-18
15
2.3
1500
85
AM40U-1224SIZ
9-18
24
1.5
1500
85
AM40U-2403SIZ
18-36
3.3
7
1500
82
AM40U-2405SIZ
18-36
5
7
1500
82
AM40U-2412SIZ
18-36
12
3
1500
82
AM40U-2415SIZ
18-36
15
2.3
1500
82
AM40U-2424SIZ
18-36
24
1.5
1500
82
AM40U-4803SIZ
36-75
3.3
7
1500
83
AM40U-4805SIZ
36-75
5
7
1500
83
AM40U-4812SIZ
36-75
12
3
1500
83
AM40U-4815SIZ
36-75
15
2.3
1500
83
AM40U-4824SIZ
36-75
24
1.5
1500
83
AM40U-1203SH30IZ
9-18
3.3
7
3000
85
AM40U-1205SH30IZ
9-18
5
7
3000
85
AM40U-1212SH30IZ
9-18
12
3
3000
85
AM40U-1215SH30IZ
9-18
15
2.3
3000
85
AM40U-1224SH30IZ
9-18
24
1.5
3000
85
AM40U-2403SH30IZ
18-36
3.3
7
3000
82
AM40U-2405SH30IZ
18-36
5
7
3000
82
AM40U-2412SH30IZ
18-36
12
3
3000
82
AM40U-2415SH30IZ
18-36
15
2.3
3000
82
AM40U-2424SH30IZ
18-36
24
1.5
3000
82
AM40U-4803SH30IZ
36-75
3.3
7
3000
83
AM40U-4805SH30IZ
36-75
5
7
3000
83
AM40U-4812SH30IZ
36-75
12
3
3000
83
AM40U-4815SH30IZ
36-75
15
2.3
3000
83
AM40U-4824SH30IZ
36-75
24
1.5
3000
83
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM40U-1205DIZ
9-18
±5
±3.5
1500
83
AM40U-1212DIZ
9-18
±12
±1.5
1500
83
AM40U-1215DIZ
9-18
±15
±1.15
1500
83
AM40U-2405DIZ
18-36
±5
±3.5
1500
80
AM40U-2412DIZ
18-36
±12
±1.5
1500
80
AM40U-2415DIZ
18-36
±15
±1.15
1500
80
AM40U-4805DIZ
36-75
±5
±3.5
1500
81
AM40U-4812DIZ
36-75
±12
±1.5
1500
81
AM40U-4815DIZ
36-75
±15
±1.15
1500
81


Similar Part No. - AM40U-IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-IZ AIMTEC-AM40U-IZ_13 Datasheet
365Kb / 5P
   40Watt | DC-DC Converter
AM40U-IZ AIMTEC-AM40U-IZ_16 Datasheet
383Kb / 5P
   40Watt | DC-DC Converter
More results

Similar Description - AM40U-IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-IZ AIMTEC-AM40U-IZ_13 Datasheet
365Kb / 5P
   40Watt | DC-DC Converter
AM40U-IZ AIMTEC-AM40U-IZ_16 Datasheet
383Kb / 5P
   40Watt | DC-DC Converter
AM40UW-IZ AIMTEC-AM40UW-IZ Datasheet
397Kb / 5P
   40Watt | DC-DC Converter
AM40UW-IZ AIMTEC-AM40UW-IZ_13 Datasheet
366Kb / 5P
   40Watt | DC-DC Converter
AM40UW-IZ AIMTEC-AM40UW-IZ_16 Datasheet
372Kb / 5P
   40Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
40DCPW GAPTEC-40DCPW Datasheet
2Mb / 5P
   40Watt - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com