Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM20C-4803SZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM20C-4803SZ
Description  20 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20C-4803SZ Datasheet(HTML) 2 Page - AIMTEC

  AM20C-4803SZ Datasheet HTML 1Page - AIMTEC AM20C-4803SZ Datasheet HTML 2Page - AIMTEC AM20C-4803SZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM20C-Z
20 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
2 of 3
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Case to Input
3 sec
1600
VDC
Case to Output
3 sec
1600
VDC
Resistance
>1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Cross Regulation (Dual Output Models)
25% load on one output - 100% load
on second load
±5
%
Over voltage protection
Zener Diode Clamp
120
%
Over current protection
Full Load
150
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation (Single)
0% to 100% load
±0.5
%
Load voltage regulation (Dual)
0% to 100% balanced load
±1
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
100
mV p-p
Voltage adjustment range
Trim - Single output models only
±10
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
With derating above +55°C
-40 to +75
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
105
oC
Derating
2.33
%/
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Nickel-coated copper
Weight
18
g
Dimensions (L x W x H)
1.00 x 1.00 x 0.40 inches
25.40 x 25.40 x 10.16 mm
MTBF
> 560,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Transient recovery time
Load step change 75% to 50% to 25%
250
µS
Transient recovery deviation
Load step change 75% to 50% to 25%
±3
%
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022: 2006 + A1:2007, Class A
IEC61000-3-2:2006+A2:2009
IEC61000-3-3:2008
EN55024:1998 + A1:2001 + A2:2003
IEC61000-4-2: 2008
IEC61000-4-3:2006+A1: 2007
IEC61000-4-4:2004
IEC61000-4-5:2005
IEC61000-4-6:2008
IEC61000-4-8:2009
NOTE: also designed to meet 60950-1:2001


Similar Part No. - AM20C-4803SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20C-4803SZ AIMTEC-AM20C-4803SZ Datasheet
625Kb / 3P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20C-4803SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_16 Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z Datasheet
543Kb / 5P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_13 Datasheet
419Kb / 5P
   20 Watt | DC-DC Converter
AM20CW-Z AIMTEC-AM20CW-Z Datasheet
339Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_13 Datasheet
653Kb / 6P
   20 Watt | DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com