Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD586B Datasheet(PDF) 6 Page - Analog Devices

Part # AD586B
Description  High Precision 5 V Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586B Datasheet(HTML) 6 Page - Analog Devices

  AD586B Datasheet HTML 1Page - Analog Devices AD586B Datasheet HTML 2Page - Analog Devices AD586B Datasheet HTML 3Page - Analog Devices AD586B Datasheet HTML 4Page - Analog Devices AD586B Datasheet HTML 5Page - Analog Devices AD586B Datasheet HTML 6Page - Analog Devices AD586B Datasheet HTML 7Page - Analog Devices AD586B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD586
REV. C
–6–
Centigrade; i.e., ppm/
°C. However, because of nonlinearities in
temperature characteristics which originated in standard Zener
references (such as “S” type characteristics), most manufactur-
ers have begun to use a maximum limit error band approach to
specify devices. This technique involves the measurement of the
output at three or more different temperatures to specify an out-
put voltage error band.
Figure 9 shows the typical output voltage drift for the AD586L
and illustrates the test methodology. The box in Figure 9 is
bounded on the sides by the operating temperature extremes,
and on the top and the bottom by the maximum and minimum
output voltages measured over the operating temperature range.
The slope of the diagonal drawn from the lower left to the upper
right corner of the box determines the performance grade of the
device.
Figure 9. Typical AD586L Temperature Drift
Each AD586J, K and L grade unit is tested at 0
°C, +25°C and
+70
°C. Each AD586SQ and TQ grade unit is tested at –55°C,
+25
°C and +125°C. This approach ensures that the variations
of output voltage that occur as the temperature changes within
the specified range will be contained within a box whose diago-
nal has a slope equal to the maximum specified drift. The posi-
tion of the box on the vertical scale will change from device to
device as initial error and the shape of the curve vary. The maxi-
mum height of the box for the appropriate temperature range
and device grade is shown in Figure 10. Duplication of these
results requires a combination of high accuracy and stable tem-
perature control in a test system. Evaluation of the AD586 will
produce a curve similar to that in Figure 9, but output readings
may vary depending on the test methods and equipment utilized.
DEVICE
MAXIMUM OUTPUT CHANGE
GRADE
(mV)
0 C TO +70 C
–40 C TO +85 C
–55 C TO +125 C
AD586J
8.75
AD586K
5.25
AD586L
1.75
AD586M
0.70
AD586A
3.12
AD586B
9.37
AD586S
18.00
AD586T
9.00
Figure 10. Maximum Output Change in mV
In some applications, a varying load may be both resistive and
capacitive in nature, or the load may be connected to the
AD586 by a long capacitive cable.
Figure 7 displays the output amplifier characteristics driving a
1000 pF, 0 to 10 mA load.
Figure 7a. Capacitive Load Transient Response Test Circuit
Figure 7b. Output Response with Capacitive Load
LOAD REGULATION
The AD586 has excellent load regulation characteristics. Figure
8 shows that varying the load several mA changes the output by
a few
µV. The AD586 has somewhat better load regulation per-
formance sourcing current than sinking current.
Figure 8. Typical Load Regulation Characteristics
TEMPERATURE PERFORMANCE
The AD586 is designed for precision reference applications
where temperature performance is critical. Extensive tempera-
ture testing ensures that the device’s high level of performance is
maintained over the operating temperature range.
Some confusion exists in the area of defining and specifying ref-
erence voltage error over temperature. Historically, references
have been characterized using a maximum deviation per degree


Similar Part No. - AD586B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD586BR AD-AD586BR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586BR AD-AD586BR Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586BR-REEL7 AD-AD586BR-REEL7 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586BR-REEL7 AD-AD586BR-REEL7 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586BRZ AD-AD586BRZ Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
More results

Similar Description - AD586B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586_15 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586_05 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02 AD-REF02 Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com