Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD588BQ Datasheet(PDF) 7 Page - Analog Devices

Part # AD588BQ
Description  High Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD588BQ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD588BQ Datasheet HTML 3Page - Analog Devices AD588BQ Datasheet HTML 4Page - Analog Devices AD588BQ Datasheet HTML 5Page - Analog Devices AD588BQ Datasheet HTML 6Page - Analog Devices AD588BQ Datasheet HTML 7Page - Analog Devices AD588BQ Datasheet HTML 8Page - Analog Devices AD588BQ Datasheet HTML 9Page - Analog Devices AD588BQ Datasheet HTML 10Page - Analog Devices AD588BQ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. D
AD588
–7–
additional load to the internal Zener diode’s current source,
resulting in a somewhat longer turn-on time. In the case of a
1
µF capacitor, the initial turn-on time is approximately 60 ms
(see Figure 6).
Note: If the NOISE REDUCTION feature is used in the
±5 V
configuration, a 39 k
Ω resistor between Pin 6 and Pin 2 is required
for proper startup.
Figure 6. Turn-On with CN = 1 F
TEMPERATURE PERFORMANCE
The AD588 is designed for precision reference applications
where temperature performance is critical. Extensive tempera-
ture testing ensures that the device’s high level of performance is
maintained over the operating temperature range.
Figure 7 shows typical output voltage drift for the AD588BD
and illustrates the test methodology. The box in Figure 7 is
bounded on the sides by the operating temperature extremes
and on top and bottom by the maximum and minimum output
voltages measured over the operating temperature range. The
slope of the diagonal drawn from the lower left corner of the
box determines the performance grade of the device.
OUTPUT
VOLTS
10.002
VMAX
VMIN
10.000
–35 –15
5
25
45
65
Tmin
Tmax
TEMPERATURE – C
85
10.001
Figure 7. Typical AD588BD Temperature Drift
Each AD588A and B grade unit is tested at –25
°C, 0°C, +25°C,
+50
°C, +70°C, and +85°C. This approach ensures that the
variations of output voltage that occur as the temperature changes
within the specified range will be contained within a box whose
diagonal has a slope equal to the maximum specified drift. The
position of the box on the vertical scale will change from device
to device as initial error and the shape of the curve vary. Maxi-
mum height of the box for the appropriate temperature range is
shown in Figure 8. Duplication of these results requires a combi-
nation of high accuracy and stable temperature control in a test
system. Evaluation of the AD588 will produce a curve similar to
that in Figure 7, but output readings may vary depending on the
test methods and equipment utilized.
2.10
1.05
1.40(typ)
1.05
3.30
10.80
7.20
AD588JQ
AD588JQ
AD588JQ
AD588JQ
AD588JQ
AD588JQ
3.30
DEVICE
GRADE
MAXIMUM OUTPUT CHANGE – mV
0 C TO +70 C
–25 C TO +85 C –55 C TO +125 C
Figure 8. Maximum Output Change—mV
KELVIN CONNECTIONS
Force and sense connections, also referred to as Kelvin connec-
tions, offer a convenient method of eliminating the effects of
voltage drops in circuit wires. As seen in Figure 9, the load
current and wire resistance produce an error (VERROR = R
× I
L) at
the load. The Kelvin connection of Figure 9 overcomes the
problem by including the wire resistance within the forcing loop
of the amplifier and sensing the load voltage. The amplifier
corrects for any errors in the load voltage. In the circuit shown,
the output of the amplifier would actually be at 10 V + VERROR and
the voltage at the load would be the desired 10 V.
The AD588 has three amplifiers that can be used to implement
Kelvin connections. Amplifier A2 is dedicated to the ground
force-sense function, while uncommitted amplifiers A3 and A4
are free for other force-sense chores.
+
10V
R
IL
V = 10V – RIL
RLOAD
R
R
IL
RLOAD
V = 10V + RIL
V = 10V
I = 0
I = 0
Figure 9. Advantage of Kelvin Connection
In some single-output applications, one amplifier may be unused.
In such cases, the unused amplifier should be connected as a
unity-gain follower (force + sense pin tied together), and the
input should be connected to ground.
An unused amplifier section may be used for other circuit functions
as well. Figures 10 through 14 show the typical performance of
A3 and A4.
FREQUENCY – Hz
100
–20
10
10M
100
1k
10k
100k
1M
80
60
40
20
0
GAIN
PHASE
0
–180
–30
–60
–90
–120
–150
Figure 10. Open-Loop Frequency Response (A3, A4)
SLOPE
T.C. =
V– V
(T
– T
)
10
1
MAX
MIN
MAX
MIN
–6
=
××
10.0013V
10.00025V
(85 C
–25 C)
10
10
–6
°−
°
×
×
0.95ppm / C


Similar Part No. - AD588BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD588 AD-AD588_15 Datasheet
505Kb / 20P
   Multiple Output, High Precision, Dual-Tracking Reference
Rev. L
More results

Similar Description - AD588BQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
   High Precision Voltage Reference
6/12/2021
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501_V01 Datasheet
13Mb / 39P
   High-Precision Buffered Voltage Reference
Revision G February 2022
MCP1501 MICROCHIP-MCP1501 Datasheet
1Mb / 36P
   High-Precision Buffered Voltage Reference
07/14/15
MCP1502 MICROCHIP-MCP1502 Datasheet
18Mb / 28P
   High-Precision Buffered Voltage Reference
Revision A September 2021
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com