Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-2415-001 Datasheet(PDF) 11 Page - ITT Industries

Part # 030-2415-001
Description  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-2415-001 Datasheet(HTML) 11 Page - ITT Industries

Back Button 030-2415-001 Datasheet HTML 7Page - ITT Industries 030-2415-001 Datasheet HTML 8Page - ITT Industries 030-2415-001 Datasheet HTML 9Page - ITT Industries 030-2415-001 Datasheet HTML 10Page - ITT Industries 030-2415-001 Datasheet HTML 11Page - ITT Industries 030-2415-001 Datasheet HTML 12Page - ITT Industries 030-2415-001 Datasheet HTML 13Page - ITT Industries 030-2415-001 Datasheet HTML 14Page - ITT Industries 030-2415-001 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
10
DL4
DL3/DLM3
DL2/DLM2/DLD2
DL1/DLM1/DLD1
ZIF Connectors
DL/DLM/DLD
DL/DLM/DLD Temperature/Current Rating
The ambient temperature curves shown represent
the rated current carrying capacity of the Cannon
DL1/2/3/4, DLM1/2/3 and DLD1/2 electrical
connectors, derated to 80% of the values recorded
using the methods specified by International
Electro-Technical Commission Document 48
(1975).
Current was applied to the total connector (all
contacts) in one-half ampere increments and
maintained at each current level until thermal
stability was achieved. A thermocouple inserted
into the ‘‘hottest area’’ of each connector then
measured the connector temperature at the same
time that an ambient temperature reading was
taken. The difference between the two measured
values is the heat rise or self-heating created solely
by the current flow, and this temperature rise for
the current level was deducted from the insulator
material rated temperature. These values were
then derated to 80% to obtain the curves shown.
DL/DLM/DLD Test Data
Test Description
MIL Standard
Test Method
Dielectric Withstanding Voltage
MIL-STD-202
301
Contact Resistance
MIL-STD-202
307
Insulation Resistance
MIL-STD-202
302, Condition B
Humidity (Standard)
MIL-STD-202
103, Condition B
Humidity (DL4)
MIL-STD-202
106
Salt Spray
MIL-STD-202
101, Condition B (48 Hours)
Shock
MIL-STD-202
213, Condition A (50 G’s)
Vibration (Standard)
MIL-STD-202
204, Condition C
Vibration (DL4)
MIL-STD 167-1/2 Modified


Similar Part No. - 030-2415-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-2415-001 ITT-030-2415-001 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
More results

Similar Description - 030-2415-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com