Electronic Components Datasheet Search |
|
030-2410-003 Datasheet(PDF) 7 Page - ITT Industries |
|
030-2410-003 Datasheet(HTML) 7 Page - ITT Industries |
7 / 76 page Dimensions are shown in mm (inch) Dimensions subject to change 6 ZIF Connectors DLD DLD Drawer Product Introduction Cannon has combined Zero Insertion Force (ZIF) technology with remote electrical engagement. The DLD Drawer allows the movement of a drawer or panel to effortlessly mate/unmate the connector halves. As an example: electrical sub-systems can be easily removed for service, interchangability, or portability. By specifying DLD Drawer interconnect systems, your packaging design is simplified as the need for expensive, complicated, and space-consuming manual actuation mechanisms is eliminated. Tight space requirements no longer restrict your use of ZIF connectors. The contacts in the DLD Drawer product line do not touch each other while the connector halves are mating. This unique ZIF technology, introduced in the Cannon DL series in the early 1970’s, has time-tested proven reliability and durability. The DLD Drawer’s remote mating feature utilizes the axial thrust of a cam to move and mate the contacts. At the end of the cam travel, the cam ramps on a flat surface thereby negating any uncoupling forces. This rack-and-panel connector is available with crimp or square post contacts, allowing cable, PCB, or flat-flex termination. Materials and Finishes DLD1/2 Housing Glass Filled thermoplastic, UL 94V-1 rated, Color: Black Crimp Contact* Copper alloy, 50 µ inches gold over 50µ inches nickel in mating area, gold flash on balance Copper alloy, 20 µ inches gold over 50µ inches nickel in mating area, tin lead on balance Square Post Contact Copper alloy, 50 µ inches gold over 50µ inches nickel in mating area, gold flash on balance Copper alloy, 20 µ inches gold over 50µ inches nickel in mating area, gold flash on balance Insulator Retainer (Plug Only) Stainless steel, Passivated Actuating Camshaft (Receptacle Only) Stainless steel Spring Mounting Screw (Receptacle Only) Stainless steel, Passivated Compression Spring (Receptacle Only) Music wire, zinc plated * Order crimp contacts separately, see pages 52-53. |
Similar Part No. - 030-2410-003 |
|
Similar Description - 030-2410-003 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |