Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM15CW-2415DZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM15CW-2415DZ
Description  15Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15CW-2415DZ Datasheet(HTML) 2 Page - AIMTEC

  AM15CW-2415DZ Datasheet HTML 1Page - AIMTEC AM15CW-2415DZ Datasheet HTML 2Page - AIMTEC AM15CW-2415DZ Datasheet HTML 3Page - AIMTEC AM15CW-2415DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM15CW-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.C
2 of 4
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Cross Regulation (Dual Output Models)
25% load on one output - 100% load
on second load
±5
%
Over voltage protection
Zener Diode Clamp
120
%
Over current protection
Full Load
170
%
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
HL-LL
±0.2
%
Load voltage regulation (Single)
0% to 100% load
±0.5
%
Load voltage regulation (Dual)
0% to 100% balanced load
±1
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
100
mV p-p
Voltage adjustment range
Trim - Single output models only
10
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
375
KHz
Operating temperature
With derating above +55°C
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Derating
2.6
%/
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Nickel-coated copper
Weight
18
g
Dimensions (L x W x H)
1.00 x 1.00 x 0.40 inches
25.40 x 25.40 x 10.16 mm
MTBF
> 560,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Transient recovery time
Load step change 75% to 50% to 25%
250
µS
Transient recovery deviation
Load step change 75% to 50% to 25%
±3
%
Safety Specifications
Parameters
Agency Approvals
CE
Standards
EN 55022 Class A
EN 61000-4-2 Perf. Criteria A
EN 61000-4-3 Perf. Criteria A
EN 61000-4-4 Perf. Criteria A (external 220uF/100V cap required)
EN 61000-4-5 Perf. Criteria A (external 220uF/100V cap required)
EN 61000-4-6 Perf. Criteria A
EN 61000-4-8 Perf. Criteria A
NOTE: also designed to meet IEC/EN 60950-1
Pin Out Specifications
Pin
Single
Dual
1
+ V input
+ V input
2
- V input
- V input
3
On/Off Control
On/Off Control
4
+ V output
+ V output
5
Trim
Common
6
- V output
- V output


Similar Part No. - AM15CW-2415DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15CW-2415DZ AIMTEC-AM15CW-2415DZ Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
More results

Similar Description - AM15CW-2415DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_12 Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
AIMTEC
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z Datasheet
332Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
   15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
   15Watt - AC-DC converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com