Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VL-MM7-2SBN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VL-MM7-2SBN
Description  2GB 256Mx64 DDR3 SDRAM NON-ECC UNBUFFERED SODIMM 204-PIN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VL-MM7-2SBN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VL-MM7-2SBN Datasheet HTML 1Page - List of Unclassifed Manufacturers VL-MM7-2SBN Datasheet HTML 2Page - List of Unclassifed Manufacturers VL-MM7-2SBN Datasheet HTML 3Page - List of Unclassifed Manufacturers VL-MM7-2SBN Datasheet HTML 4Page - List of Unclassifed Manufacturers VL-MM7-2SBN Datasheet HTML 5Page - List of Unclassifed Manufacturers VL-MM7-2SBN Datasheet HTML 6Page - List of Unclassifed Manufacturers VL-MM7-2SBN Datasheet HTML 7Page - List of Unclassifed Manufacturers VL-MM7-2SBN Datasheet HTML 8Page - List of Unclassifed Manufacturers VL-MM7-2SBN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product Specifications
PART NO.:
VL47B5663A-F8SE
REV: 1.0
Tel 949.888.2444 – 30052 Tomas, Rancho Santa Margarita, CA 92688 USA –
www.virtium.com
1
General Information
2GB 256Mx64 DDR3 SDRAM NON-ECC UNBUFFERED SODIMM 204-PIN
Description
The VL47B5663A is a 256Mx64 DDR3 SDRAM high density SODIMM. This dual rank memory module consists of
sixteen CMOS 128Mx8 bits with 8 banks DDR3 Synchronous DRAMs in BGA packages and a 2K EEPROM with
thermal sensor in an 8-pin MLF package. This module is a 204-pin small-outline dual in-line memory module and is
intended for mounting into an edge connector socket. Decoupling capacitors are mounted on the printed circuit board
for each DDR3 SDRAM.
Features
Pin Description
204-pin, small-outline dual in-line memory module (SODIMM)
Fast data transfer rate: PC3-8500
VDD = VDDQ = 1.5V +/-0.075V
JEDEC standard 1.5V +/-0.075V I/O (SSTL_15 compatible)
VDDSPD = 3.0V to 3.6V
Eight internal component banks for concurrent operation
8-bit pre-fetch architecture
Bi-directional differential data-strobe
Nominal and dynamic on-die termination (ODT)
ZQ calibration support
Programmable CAS# latency: 7 (DDR3-1066)
Programmable burst; length (8)
Average refresh period 7.8 us
Asynchronous reset
Fly-by topology
On board terminated command, address, and control bus
Serial presence detect (SPD) EEPROM with thermal sensor
Thermal sensor range: -40oC to +125oC (Max +/-3oC accuracy)
JEDEC pinout
Gold edge contacts
Lead-free, RoHS compliant
PCB: Height 30.00mm (1.181”), double sided component
Operating temperature (TOPER): - Commercial (0oC <= Tc <= 95oC)
- Industrial (-40
oC <= Tc <= 95oC)
Notes: Double refresh rate is required when 85
oC < TOPER <= 95oC.
TOPER is DRAM case temperature (Tc)
Pin Name
Function
A0~A13
Address Inputs
A10/AP
Address Input/ Autoprecharge
A12/BC#
Address Input/ Burst Chop
BA0~BA2
Bank Address Inputs
DQ0~DQ63
Data Input/Output
DQS0~DQS7
Data Strobes
DQS0#~DQS7#
Data Strobes Complement
DM0~DM7
Data Masks
CK0, CK0#,
CK1, CK1#
Clock Inputs
ODT0, ODT1
On-die Termination Control
CKE0, CKE1
Clock Enables
CS0#, CS1#
Chip Selects
RAS#
Row Address Strobes
CAS#
Column Address Strobes
WE#
Write Enable
RESET#
Register and SDRAM Control
VDD
Voltage Supply
VSS
Ground
SA0~SA1
SPD Address
SDA
SPD Data Input/Output
SCL
SPD Clock Input
EVENT#
Temperature Event Output
VREFCA
Reference Voltage for CA
VREFDQ
Reference Voltage for DQ
VDDSPD
SPD Voltage Supply
VTT
Termination Voltage
NC
No Connect
Order Information:
VL47B5663A - F8 S E - X
OPERATING TEMPERATURE
None: Commercial
S1:
Industrial screening
DRAM DIE
E-DIE
DRAM MANUFACTURER
S - SAMSUNG
MODULE SPEED
F8: PC3-8500 @ CL7
VL: Lead-free/RoHS
DRAM component: Samsung K4B1G0846E-BCH9


Similar Part No. - VL-MM7-2SBN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VL-MM5D ETC2-VL-MM5D Datasheet
153Kb / 9P
   1GB 128Mx64 DDR SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM8-1SBN ETC2-VL-MM8-1SBN Datasheet
187Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM9-2EBN ETC2-VL-MM9-2EBN Datasheet
220Kb / 13P
   2GB 256Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
VL-MM9-4SBN ETC2-VL-MM9-4SBN Datasheet
146Kb / 14P
   4GB 512Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
More results

Similar Description - VL-MM7-2SBN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VL-MM9-2EBN ETC2-VL-MM9-2EBN Datasheet
220Kb / 13P
   2GB 256Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
VL-MM9-4SBN ETC2-VL-MM9-4SBN Datasheet
146Kb / 14P
   4GB 512Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
DRAM-DDR3-SODIMM ETC2-DRAM-DDR3-SODIMM Datasheet
104Kb / 2P
   DDR3 - 204-Pin SODIMM - Registered ECC
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM8-1SBN ETC2-VL-MM8-1SBN Datasheet
187Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM5D ETC2-VL-MM5D Datasheet
153Kb / 9P
   1GB 128Mx64 DDR SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
logo
Elpida Memory
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ20UF8BCF0 ELPIDA-EBJ20UF8BCF0 Datasheet
272Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com