Electronic Components Datasheet Search |
|
030-2409-001 Datasheet(PDF) 6 Page - ITT Industries |
|
030-2409-001 Datasheet(HTML) 6 Page - ITT Industries |
6 / 76 page Dimensions are shown in mm (inch) Dimensions subject to change 5 ZIF Connectors DLM DLM Product Introduction CannonhasexpandedtheDL-ZIFSeries offering with the addition of the DLM (Metal Shell) versions. The DLM uses a rugged nickel plated aluminum housing. The Shield-Locking Mechanism feature (see illustration below) ensures uniform mating pressure around the perimeter of the mated connector to create an EMI/RFI shield. Facilitates compliance of equipment to CE EMC directives. Materials and Finishes DLM1/2/3/5/6 Housing Aluminum alloy, nickel plated DLM1/2/3/5/6 Insulator Glass filled thermoplastic, UL 94V-0 rated, Color: Black Crimp Contact* Copper alloy, 50 µ inches gold over 50µ inches nickel in mating area, gold flash on balance Copper alloy, 20 µ inches gold over 50µ inches nickel in mating area, tin lead on balance Square Post Contact Copper alloy, 50 µ inches gold over 50µ inches nickel in mating area, gold flash on balance Copper alloy, 20 µ inches gold over 50µ inches nickel in mating area, gold flash on balance PC/RC Contact Copper alloy, 20 µ inches gold over nickel in mating area, tin lead on balance Actuating Camshaft Stainless steel, Passivated Insulator Retainer (Plug Only) Stainless steel, Passivated * Order crimp contacts separately, see pages 52-53. The DLM1/2/3 connectors are an extension of the DL line, similar to the current DLM5 and DLM6 products.The DLM series connectors are inter- mateable to the DL (Plastic) versions for backwards/forwards compatibility. The DLM Series are offered with the 3,18(.125) long 0,64(.025) square post 50 µ inch gold contacts, as well as the 4,50(.177) long X 0,50(.020) PC/RC round tail contacts. |
Similar Part No. - 030-2409-001 |
|
Similar Description - 030-2409-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |