Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-7380-003 Datasheet(PDF) 5 Page - ITT Industries

Part # 030-7380-003
Description  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-7380-003 Datasheet(HTML) 5 Page - ITT Industries

  030-7380-003 Datasheet HTML 1Page - ITT Industries 030-7380-003 Datasheet HTML 2Page - ITT Industries 030-7380-003 Datasheet HTML 3Page - ITT Industries 030-7380-003 Datasheet HTML 4Page - ITT Industries 030-7380-003 Datasheet HTML 5Page - ITT Industries 030-7380-003 Datasheet HTML 6Page - ITT Industries 030-7380-003 Datasheet HTML 7Page - ITT Industries 030-7380-003 Datasheet HTML 8Page - ITT Industries 030-7380-003 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
4
ZIF Connectors
DL
DL Product Introduction
TheCannonDLSeriesofZeroInsertion
Force (ZIF) connectors fill the need in the
medical, commercial/industrial,
computer and peripheral equipment market places
for low-cost, high performance multiple-wire
power and signal connectors.
DL connectors feature: a minimum rated life of
10,000 complete mating and unmating cycles with
no performance loss; can be mated and unmated
in less than two seconds even with as many as
2496 contacts; and they cost less (often as much
as 25% less) per mated line than singular high-
density rack-and-panel connectors.
Simple. Effective. Reliable. Durable.
Combining their special design with commercial-
grade materials and low cost crimp, PCB and
wrappable hermaphroditic contacts, that may be
hand or machine terminated, makes the DL Series
of ZIF connectors the finest low-cost-per-mated-
line I/0 connectors available today.
Materials and Finishes
DL1/2/3 Housing
Glass filled thermoplastic, UL 94V-1 rated, Color: Black
DL5 Housing
Glass filled thermoplastic, UL 94V-0 rated, Color: Black
Crimp Contact*
Copper alloy, 50
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Copper alloy, 20
µ inches gold over 50µ inches nickel in mating area, tin lead on balance
Square Post Contact
Copper alloy, 50
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Copper alloy, 20
µ inches gold over 50µ inches nickel in mating area, gold flash on balance
Actuating Camshaft
Stainless steel, Passivated
Insulator Retainer (Plug Only)
Stainless steel, Passivated
* Order crimp contacts separately, see pages 52-53.


Similar Part No. - 030-7380-003

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-7380-003 ITT-030-7380-003 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
More results

Similar Description - 030-7380-003

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com