Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

030-7380-002 Datasheet(PDF) 4 Page - ITT Industries

Part # 030-7380-002
Description  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

030-7380-002 Datasheet(HTML) 4 Page - ITT Industries

  030-7380-002 Datasheet HTML 1Page - ITT Industries 030-7380-002 Datasheet HTML 2Page - ITT Industries 030-7380-002 Datasheet HTML 3Page - ITT Industries 030-7380-002 Datasheet HTML 4Page - ITT Industries 030-7380-002 Datasheet HTML 5Page - ITT Industries 030-7380-002 Datasheet HTML 6Page - ITT Industries 030-7380-002 Datasheet HTML 7Page - ITT Industries 030-7380-002 Datasheet HTML 8Page - ITT Industries 030-7380-002 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
3
ZIF Connectors
Selection Guide
Contacts
Contacts
Crimp and Buss contacts are available loose
or reeled.
Accommodates wire sizes #42-#18 AWG.
Customer installed. Field installable/
removeable.
Contents
Page
Introduction ................... 50
Buss Contacts .................. 51
Crimp Contacts - Loose .......... 52
Crimp Contacts - Reeled .......... 53
See Pages 50-53
Accessories
Accessories
Cannon offers a large selection of accessories
to meet a variety of application requirements.
Allows customization using standard
components.
Contents
Page
Introduction ................... 43
Selection Guide ................. 43
Backshells, Metal ............. 44-45
Junction Shells, Plastic ........... 46
Actuating Handles ............... 47
Protective Covering .............. 47
Polarizing Posts ................ 48
Shells (EMI/RFI) ................ 49
See Pages 43-49
Tools and Assembly
Tools and Assembly
Cannon offers hand crimp tooling for low
volume applications.
Contact extraction tools.
Automatic tooling can be leased for large
volume applications.
Contents
Page
Introduction ................... 54
Hand Crimp Tools ............... 55
Extraction Tools .............. 54-55
Assembly Instructions ......... 56-58
Lease Automatic Tooling .......... 59
See Pages 54-59
Series Selection — Available Size in Series by Number of Contacts
Number
of Contacts
Connector Series
DL
DLD
DLM
60
DL3-60
DLM3-60
96
DL2-96
DLD2-96
DLM2-96
156
DL1-156
DLD1-156
DLM1-156
260
DL5-260
DLM5-260
360
DLM6-360
624
DL4-624
1248
DL4-1248*
2496
DL4-2496*
* For DL4-1248 and DL4-2496 versions contact Cannon for details.


Similar Part No. - 030-7380-002

ManufacturerPart #DatasheetDescription
logo
ITT Industries
030-7380-002 ITT-030-7380-002 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
More results

Similar Description - 030-7380-002

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com