Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

039-0236-000 Datasheet(PDF) 10 Page - ITT Industries

Part # 039-0236-000
Description  DL / DLM / DLD ZERO INSERTION FORCE CONNECTORS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

039-0236-000 Datasheet(HTML) 10 Page - ITT Industries

Back Button 039-0236-000 Datasheet HTML 6Page - ITT Industries 039-0236-000 Datasheet HTML 7Page - ITT Industries 039-0236-000 Datasheet HTML 8Page - ITT Industries 039-0236-000 Datasheet HTML 9Page - ITT Industries 039-0236-000 Datasheet HTML 10Page - ITT Industries 039-0236-000 Datasheet HTML 11Page - ITT Industries 039-0236-000 Datasheet HTML 12Page - ITT Industries 039-0236-000 Datasheet HTML 13Page - ITT Industries 039-0236-000 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
9
ZIF Connectors
DL/DLM/DLD
DL/DLM/DLD Applications
Medical
Ultrasound Diagnostic
Patient Monitoring
Hospital Equipment
Test & Instrumentation
Avionics
Automated Test Equipment
Computer & Peripheral Equipment
Semiconductor
Commercial/Industrial Manufacturing
Automation
Robotics
Electrical Controls
Entertainment
Recording Studio Equipment
Stage Lighting & Sound
Broadcasting Equipment
Telecommunication
Systems Interconnect
Manufacturing Test Equipment
Switching Systems
Transportation
Locomotive Systems
Automotive Electronics
Aircraft Simulators
DL/DLM/DLD Performance Specifications
Current Rating
5 A max. - Crimp/Square Post/PCB Contact
4 A max. - PC/RC Contact
10 A, 20 A, 30 A, 40 A, 50 A, 60 A max. - Buss Contact
Dielectric Withstanding Voltage
1200 VAC RMS - Crimp/Square Post Contact
1000 VAC RMS - PC/RC Contact
750 VAC RMS - DL4
Operating Temperature
-55
°C to 105°C (DL/DLM/DLD)
-55
°C to 71°C (DL4)
Durability
10,000 Cycles min. (DL/DLM)
20,000 Cycles min. (DL4)
100,000 Cycles min. (DLD)
Contact Resistance
15 m
max. - Crimp/Square Post Contact
20 m
max. - Crimp #32 AWG - #30 AWG Contact
30 m
max. - PC/RC Contact
Insulation Resistance
5000 M
min.
Wire Accommodation
#42 AWG-#18 AWG
Contact Spacing
2,54 (.100) Square Grid
Contact Retention:
8 lbs (35,585 N) min.
DL/DLM/DLD Mechanical Data
Polarization
Polarizing Posts
Contact Termination
PC Tails, Straight
Crimp
Square Post
Wrap Post
Buss
Signal and Power Distribution Cable Harness
For your complete cable harnessing resource, contact Cannon for details.


Similar Part No. - 039-0236-000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
039-01-6026 MOLEX-039-01-6026 Datasheet
75Kb / 1P
   2 & 4 CKT.RECEPTACLE.MINI-FKT FR.SERIES
More results

Similar Description - 039-0236-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com