Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31-5539 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 31-5539
Description  BNC 50 ohm PCB Receptacles
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-5539 Datasheet(HTML) 1 Page - Amphenol Corporation

  31-5539 Datasheet HTML 1Page - Amphenol Corporation 31-5539 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BNC 50 ohm
Amphenol
®
PCB Receptacles
116
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
L distributor stocked ✩ Jam nuts and lockwashers sold separately.
Vertical 50 ohm BNC Printed Circuit Board Bulkhead Receptacles
Low Profile 50 ohm BNC Printed Circuit Board Bulkhead Receptacles
Fig. 2
Isolated from Panel
White Valox Housing
31-5486
L (Round Pins)
31-5486-1010 (Fork Pins)
31-5486-10RFX
Isolated from Panel
Black Valox Housing
31-5540 (Round Pins)
31-5540-1010 (Fork Pins)
31-5540-10RFX
Metal Housing
31-5637 (Round Pins)
Isolated from Panel
White Valox Housing
31-5493
L (Round Pins)
31-5493-1010 (Fork Pins)
Isolated from Panel
Black Valox Housing
31-5539 (Round Pins)
31-5539-1010
L (Fork Pins)
31-5539-10RFX
Metal Housing
31-5633 (Round Pins)
31-5633-1010 (Fork Pins)
Fig. 3
Fig. 1
P
Isolated from Panel
White Valox Housing
31-5431
L (Round Pins)
31-5431-1010 (Fork Pins)
31-5431-10RFX
Isolated from Panel
Black Valox Housing
31-5538 (Round Pins)
31-5538-1010 (Fork Pins)
31-5538-10RFX
Metal Housing
31-5640
L (Round Pins)
31-5640-1010 (Fork Pins)
Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
P
P
.468(11.9)
.468(11.9)
.468(11.9)


Similar Part No. - 31-5539

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-5539 AMPHENOL-31-5539 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
31-5539-1010 AMPHENOL-31-5539-1010 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
31-5539-1010 AMPHENOL-31-5539-1010 Datasheet
305Kb / 2P
   Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
31-5539-10RFX AMPHENOL-31-5539-10RFX Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 31-5539

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-4237 AMPHENOL-031-4237 Datasheet
533Kb / 1P
   BNC 50 ohm Bulkhead Receptacles
031-5329-72RFX AMPHENOL-031-5329-72RFX Datasheet
37Kb / 1P
   BNC 75 ohm PCB Receptacles
031-3376 AMPHENOL-031-3376 Datasheet
533Kb / 1P
   BNC 50 ohm Bulkhead Receptacles
031-70016 AMPHENOL-031-70016 Datasheet
66Kb / 1P
   BNC 75 ohm Jacks & Receptacles
logo
Molex Electronics Ltd.
SD-73100-0154 MOLEX-SD-73100-0154 Datasheet
117Kb / 2P
   BNC JACK R/A PCB 50 OHM BNC-JPCB
1994/09/08
logo
Tyco Electronics
5227161 MACOM-5227161 Datasheet
124Kb / 1P
   JACK, RIGHT ANGLE, 50 OHM, PCB, BNC
5415025-1 MACOM-5415025-1 Datasheet
87Kb / 1P
   JACK, RIGHT ANGLE, 50 OHM, PCB, BNC
226993-1 MACOM-226993-1 Datasheet
126Kb / 1P
   JACK,VERTICAL, 50 OHM,PCB,SERIES BNC
5227161-9 MACOM-5227161-9 Datasheet
124Kb / 1P
   JACK, RIGHT ANGLE, 50 OHM, PCB, BNC
logo
Molex Electronics Ltd.
SD-73138-5033 MOLEX-SD-73138-5033 Datasheet
195Kb / 2P
   BNC JACK RA BULKHEAD DIECAST 50 OHM BNC-J/PCB
1991/02/26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com